Electronic Components Datasheet Search
  English  ▼

X  

HMC481ST89 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC481ST89
Description  SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC481ST89 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC481ST89 Datasheet HTML 1Page - Hittite Microwave Corporation HMC481ST89 Datasheet HTML 2Page - Hittite Microwave Corporation HMC481ST89 Datasheet HTML 3Page - Hittite Microwave Corporation HMC481ST89 Datasheet HTML 4Page - Hittite Microwave Corporation HMC481ST89 Datasheet HTML 5Page - Hittite Microwave Corporation HMC481ST89 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
8 - 286
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC481ST89
SiGe HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 5.0 GHz
v00.0204
General Description
Features
Functional Diagram
The HMC481ST89 is a SiGe Heterojunction Bipolar
Transistor (HBT) Gain Block MMIC SMT amplifier
covering DC to 5 GHz. Packaged in an industry
standard SOT89, the amplifier can be used as a
cascadable 50 Ohm RF/IF gain stage as well as a
LO or PA driver with up to +21 dBm output power.
The HMC481ST89 offers 20 dB of gain with a +33
dBm output IP3 at 1 GHz while requiring only 79
mA from a single positive supply. The Darlington
feedback pair used results in reduced sensitivity
to normal process variations and excellent gain
stability over temperature while requiring a minimal
number of external bias components.
P1dB Output Power: +19 dBm
Gain: 20 dB
Output IP3: +33 dBm
Cascadable 50 Ohm I/Os
Single Supply: +6V to +12V
Industry Standard SOT89 Package
Typical Applications
The HMC481ST89 is an ideal RF/IF
gain block & LO or PA driver for:
• Cellular / PCS / 3G
• Fixed Wireless & WLAN
• CATV, Cable Modem & DBS
• Microwave Radio & Test Equipment
Electrical Specifications, Vs= 8.0 V, Rbias= 39 Ohm, T
A = +25° C
Note: Data taken with broadband bias tee on device output.
Parameter
Min.
Typ.
Max.
Units
Gain
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
4.0 - 5.0 GHz
18
15.5
13
11
9
20
17.5
15
13
11
dB
dB
dB
dB
dB
Gain Variation Over Temperature
DC - 5.0 GHz
0.008
0.016
dB/ °C
Input Return Loss
DC - 1.0 GHz
1.0 - 5.0 GHz
12
15
dB
dB
Output Return Loss
DC - 1.0 GHz
1.0 - 4.0 GHz
4.0 - 5.0 GHz
17
27
23
dB
dB
dB
Reverse Isolation
DC - 5.0 GHz
18
dB
Output Power for 1 dB Compression (P1dB)
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
4.0 - 5.0 GHz
16
15
13
11
9
19
18
16
14
12
dBm
dBm
dBm
dBm
dBm
Output Third Order Intercept (IP3)
(Pout= 0 dBm per tone, 1 MHz spacing)
0.5 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
4.0 - 5.0 GHz
33
30
27
25
dBm
dBm
dBm
dBm
Noise Figure
DC - 4.0 GHz
4.0 - 5.0 GHz
3.5
4.0
dB
dB
Supply Current (Icq)
79
mA


Similar Part No. - HMC481ST89

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC481ST89 HITTITE-HMC481ST89 Datasheet
230Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481ST89E HITTITE-HMC481ST89E Datasheet
230Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481ST89 HITTITE-HMC481ST89_10 Datasheet
230Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
More results

Similar Description - HMC481ST89

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC469MS8G HITTITE-HMC469MS8G Datasheet
310Kb / 8P
SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC471MS8G HITTITE-HMC471MS8G Datasheet
314Kb / 8P
SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC479MP86 HITTITE-HMC479MP86 Datasheet
201Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC479ST89 HITTITE-HMC479ST89 Datasheet
234Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC481MP86 HITTITE-HMC481MP86 Datasheet
205Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC482ST89 HITTITE-HMC482ST89 Datasheet
333Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC478ST89 HITTITE-HMC478ST89_10 Datasheet
237Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC481MP86 HITTITE-HMC481MP86_10 Datasheet
225Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC482ST89 HITTITE-HMC482ST89_10 Datasheet
244Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478SC70 HITTITE-HMC478SC70_09 Datasheet
211Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com