Electronic Components Datasheet Search
  English  ▼

X  

HMC481ST89 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC481ST89
Description  SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC481ST89 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC481ST89 Datasheet HTML 1Page - Hittite Microwave Corporation HMC481ST89 Datasheet HTML 2Page - Hittite Microwave Corporation HMC481ST89 Datasheet HTML 3Page - Hittite Microwave Corporation HMC481ST89 Datasheet HTML 4Page - Hittite Microwave Corporation HMC481ST89 Datasheet HTML 5Page - Hittite Microwave Corporation HMC481ST89 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
8 - 288
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC481ST89
v00.0204
SiGe HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 5.0 GHz
Gain, Power & OIP3 vs. Supply Voltage
for Constant Icc= 79 mA @ 850 MHz
P1dB vs. Temperature
Psat vs. Temperature
Output IP3 vs. Temperature
Vcc vs. Icc Over Temperature for
Fixed Vs= 8V, RBIAS= 39 Ohms
4
6
8
10
12
14
16
18
20
22
24
012345
6
+25C
+85C
-40C
FREQUENCY (GHz)
4
6
8
10
12
14
16
18
20
22
24
012345
6
+25C
+85C
-40C
FREQUENCY (GHz)
18
20
22
24
26
28
30
32
34
36
012345
6
+25C
+85C
-40C
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
6789
10
11
12
Gain
P1dB
Psat
OIP3
Vs (Vdc)
66
68
70
72
74
76
78
80
82
84
86
88
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
Vcc (Vdc)
+85 C
+25 C
-40 C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com