Electronic Components Datasheet Search
  English  ▼

X  

DSR50 Datasheet(PDF) 2 Page - DENSEI-LAMBDA

Part # DSR50
Description  Single output 30W~180W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

DSR50 Datasheet(HTML) 2 Page - DENSEI-LAMBDA

  DSR50 Datasheet HTML 1Page - DENSEI-LAMBDA DSR50 Datasheet HTML 2Page - DENSEI-LAMBDA DSR50 Datasheet HTML 3Page - DENSEI-LAMBDA DSR50 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
47
DSR-SERIES
DSR30
DSR50
(LEFT SIDE VIEW)
(BOTTOM VIEW)
(FRONT VIEW)
(LEFT SIDE VIEW)
(BOTTOM VIEW)
(FRONT VIEW)
(DEPTH 6mm MAX)
ø3.5 MOUNTING HOLE
2-R1.75
MOUNTING
4-M3 MOUNTING HOLES
TERMINAL COVER
3-M3 MOUNTING HOLES
(DEPTH 6mm MAX)
DSR180
(LEFT SIDE VIEW)
(BOTTOM VIEW)
(FRONT VIEW)
(Unit: mm)
(Unit: mm)
(Unit: mm)
MAW-1205-22
GO!!
P134
Recommended Noise Filter
MAW-1203-22
GO!!
P134
Recommended Noise Filter
MB1220
GO!!
P137
Recommended Noise Filter



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com