Electronic Components Datasheet Search
  English  ▼

X  

DSR50 Datasheet(PDF) 3 Page - DENSEI-LAMBDA

Part # DSR50
Description  Single output 30W~180W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

DSR50 Datasheet(HTML) 3 Page - DENSEI-LAMBDA

  DSR50 Datasheet HTML 1Page - DENSEI-LAMBDA DSR50 Datasheet HTML 2Page - DENSEI-LAMBDA DSR50 Datasheet HTML 3Page - DENSEI-LAMBDA DSR50 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
48
DSR20
DSR35
Model name
UL
CSA
Nominal
output voltage
Max.
output current
Max.
output power
DC 70 ~ 143V
10%
0.4% (DC18 ~ 32V/DC32 ~ 63V, at constant load/output 2V : 20mV)
0.4% (No load – full load, at constant input voltage/output 2V : 20mV)
Convection cooling
–20 ~ +71°C
Input–output: 2.5kVAC, input–FG: 2.5kVAC for 1 min.(20mA), Output–FG: 500VAC for 1 min.(100mA)
When not operating 10 ~ 55Hz, amplitude 0.825mm constant (MAX. 5G), Sweep for 1 min., X, Y and Z axes for 1 hour
Over voltage protection, Over current protection, Thermal protection, Remote on/off control
Low input protection, Power failure (Low output voltage detection signal)
DSR (Input : 110VDC)-SERIES Single output 20W ~ 35W
Model name
DSR 35-5-110
Features
110VDC input, Single output
Long life and high reliability
Over 10 years lifetime at 40°C, full load
Vibration: 5G max.
Wide operating temperature range: –20 ~ +71°C
Low input surge current 3.7A
Name of series
Output power: 20W, 35W
Nominal output voltage: 2 ~ 48V
Input voltage
110: 70 ~143VDC
Specifications
5 year warranty
Product lineup
2V
5V
6V
12V
15V
24V
40V
48V
2V
5V
6V
12V
15V
24V
40V
48V
4.0A
4.0A
3.3A
1.7A
1.4A
0.9A
0.5A
0.4A
7.0A
7.0A
6.0A
3.0A
2.6A
1.8A
1.0A
0.9A
8.0W
20.0W
19.8W
20.4W
21.0W
21.6W
20.0W
19.2W
14.0W
35.0W
36.0W
36.0W
39.0W
43.2W
40.0W
43.2W
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆
∆ : Conforms to safety standard
Request customer specification for further details of specifications, outline, characteristics, etc.
Read the instruction manual before usage.
Contact us about delivery before ordering.
DSR20 (DC110V INPUT)
DSR35 (DC110V INPUT)
1. Input voltage range
2. Output voltage range
3. Line regulation
4. Load regulation
5. Cooling
6. Operating ambient
temperature
(Standard mounting)
7. Withstand voltage
8. Vibration
9. Functions
DSR20-2-110
DSR20-5-110
DSR20-6-110
DSR20-12-110
DSR20-15-110
DSR20-24-110
DSR20-40-110
DSR20-48-110
DSR35-2-110
DSR35-5-110
DSR35-6-110
DSR35-12-110
DSR35-15-110
DSR35-24-110
DSR35-40-110
DSR35-48-110



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com