Electronic Components Datasheet Search
  English  ▼

X  

PI6LC48P03 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6LC48P03
Description  3-Output LVPECL Networking Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P03 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6LC48P03 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.pericom.com
PI6LC48P03
Rev. C
5/7/2015
PI6LC48P03
3-Output LVPECL Networking Clock Generator
Maximum Ratings (Over operating free-air temperature range)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
Storage Temperature.............................................. -65ºC to+155ºC
Ambient Temperature with Power Applied.........-40ºC to+85ºC
3.3V Analog Supply Voltage......................................-0.5 to +3.6V
ESD Protection (HBM) ......................................................... 2000V
DC Electrical Characteristics
Power Supply DC Characterisitcs, (TA = -40 to 85ºC)
Symbol Parameter
Condition
Min
Typ
Max
Units
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDA
Analog Supply Voltage
3.135
3.3
3.465
V
VDDO_A
VDDO_B
Output Supply Voltage
3.135
3.3
3.465
V
VDD
Core Supply Voltage
2.375
2.5
2.625
V
VDDA
Analog Supply Voltage
2.375
2.5
2.625
V
VDDO_A
VDDO_B
Output Supply Voltage
2.375
2.5
2.625
V
IGND
Power Supply Current
132
mA
IDDA
Analog Supply Current
30
mA
LVCMOS/LVTTL DC Characterisitcs, (TA = -40 to 85ºC)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input High Voltage
VDD = 3.3 V +/- 5%
2
VDD+ 0.3
V
VDD = 2.5 V +/- 5%
1.7
VDD+ 0.3
VIL
Input Low Voltage
VDD = 3.3 V +/- 5%
-0.3
0.8
V
VDD = 2.5 V +/- 5%
-0.3
0.7
V
IIH
Input High Current
Ref_IN, FBN, M_reset,
NA_SEL1, NB_SEL0
V
DD = VIN = 3.465V
100
µA
OEA, OEB, PLL_By-
pass#, IN_SEL#, NB_
SEL1, NA_SEL0
V
DD = VIN = 3.465V
5
µA
IIL
Input Low Current
Ref_IN, FBN, M_reset,
NA_SEL1, NB_SEL0
V
DD = 3.465V,
V
IN = 0V
-5
µA
OEA, OEB, PLL_By-
pass#, IN_SEL#, NB_
SEL1, NA_SEL0
V
DD = 3.465V,
V
IN = 0V
-100
µA
15-0059



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com