Electronic Components Datasheet Search
  English  ▼

X  

PI6LC48P03 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6LC48P03
Description  3-Output LVPECL Networking Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P03 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6LC48P03 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.pericom.com
PI6LC48P03
Rev. C
5/7/2015
PI6LC48P03
3-Output LVPECL Networking Clock Generator
LVPECL DC Characterisitcs, (TA = -40 to 85ºC)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output High Voltage(1)
V
DD = 3.3V
1.9
2.4
V
V
DD = 2.5V
1.1
1.6
VOL
Output Low Voltage(1)
V
DD = 3.3V
1.2
1.6
V
V
DD = 2.5V
0.4
0.8
Note: 1. LVPECL Termination: Source 150ohm to GND and 100ohm across CLK and CLK#.
AC Electrical Characteristics (TA = -40 to 85ºC)
LVPECL Termination: Source 150ohm to GND and using 0.01uF ac-coupled to 50ohm to GND
Symbol
Parameter
Condition
Min.
Typ.
Max
Units
fOUT
Output Frequency
NA_SEL[1:0] / NB_SEL[1:0] = 00
560
700
MHz
NA_SEL[1:0] / NB_SEL[1:0] = 01
280
350
MHz
NA_SEL[1:0] / NB_SEL[1:0] = 10
140
175
MHz
NA_SEL[1:0] / NB_SEL[1:0] = 11
112
140
MHz
tsk(B)
Output Skew(1)
Output with same VDD and load
30
ps
tsk(o)
Output Skew(2,4)
Output @ Same Frequencies
120
ps
Output @ Different Frequencies
150
ps
tjit(Ø)
RMS Phase Jitter,
(Random)(3)
625MHz,
(1.875MHz - 20MHz)
0.15
ps
625MHz,
(12kHz - 20MHz)
0.3
ps
312.5MHz,
(1.875MHz - 20MHz)
0.15
ps
312.5MHz,
(12kHz - 20MHz)
0.3
ps
156.25MHz,
(1.875MHz - 20MHz)
0.15
ps
156.25MHz,
(12kHz - 20MHz)
0.3
ps
125MHz, Freq Select 110,
(1.875MHz - 20MHz)
0.15
ps
125MHz, Freq Select 110,
(12kHz - 20MHz)
0.3
ps
tR / tF
Output Rise/Fall Time
20% to 80%
400
ps
o
DC
Output Duty Cycle (5)
48
52
%
Note:
1. Defined as skew within a bank of outputs at the same supply voltage and with equal load conditions.
2. Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the differential cross points.
3. Please refer to the Phase Noise Plots.
4. This parameter is defined in accordance with JEDEC Standard 65. Measured at the differential cross points.
5. Measured at the differential cross points.
15-0059



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com