Electronic Components Datasheet Search
  English  ▼

X  

LP5562TME Datasheet(PDF) 5 Page - Texas Instruments

Part # LP5562TME
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562TME Datasheet(HTML) 5 Page - Texas Instruments

  LP5562TME Datasheet HTML 1Page - Texas Instruments LP5562TME Datasheet HTML 2Page - Texas Instruments LP5562TME Datasheet HTML 3Page - Texas Instruments LP5562TME Datasheet HTML 4Page - Texas Instruments LP5562TME Datasheet HTML 5Page - Texas Instruments LP5562TME Datasheet HTML 6Page - Texas Instruments LP5562TME Datasheet HTML 7Page - Texas Instruments LP5562TME Datasheet HTML 8Page - Texas Instruments LP5562TME Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
LP5562
www.ti.com
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics
Unless otherwise specified: limits for typical values are for TA = 25°C and minimum and maximum limits apply over the
operating ambient temperature range (
−40°C < TA < +85°C); VIN = 3.6V, VEN/VCC = 1.8 V.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT CONSUMPTION AND OSCILLATOR ELECTRICAL CHARACTERISTICS
EN = 0 (pin), CHIP_EN = 0 (bit), external 32
0.2
2
µA
kHz clock running or not running
EN = 1 (pin), CHIP_EN = 0 (bit),
Standby supply current
2
µA
external 32 kHz clock not running
EN = 1 (pin), CHIP_EN = 0 (bit)
2.4
µA
IVDD
External 32-kHz clock running
LED drivers disabled
0.25
mA
Normal mode supply current
LED drivers enabled
1
mA
External 32-kHz clock running
10
µA
Powersave mode supply
current
Internal oscillator running
0.25
mA
TA = 25°C
–4%
4%
Internal oscillator frequency
ƒOSC
accuracy
–7%
7%
LED DRIVER ELECTRICAL CHARACTERISTICS (R, G, B, W OUTPUTS)
ILEAKAGE
R, G, B, W pin leakage current
TA = 25°C
0.1
1
µA
IMAX
Maximum source current
Outputs R, G, B, W
25.5
mA
Output current set to 17.5 mA, VDD = 3.6 V
–4%
4%
TA = 25°C
IOUT
Accuracy of output current(4)
Output current set to 17.5 mA, VDD = 3.6 V
–5%
5%
IMATCH
Matching(4)
Output current set to 17.5 mA, VDD = 3.6V
1%
2%
PWM_HF = 1
558
ƒLED
LED PWM switching frequency
Hz
PWM_HF = 0
256
Output current set to 17.5 mA
VSAT
Saturation voltage(5)
60
100
mV
TA = 25°C
(1)
The electrical characteristics tables list ensured specifications under the listed recommended conditions except as otherwise modified or
specified by the electrical characteristics test conditions and/or notes. Typical specifications are estimations only and are not verified by
production testing.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
Minimum and maximum limits are ensured by design, test, or statistical analysis. Typical numbers are not verified by production, but do
represent the most likely norm.
(4)
Output current accuracy is the difference between the actual value of the output current and programmed value of this current. Matching
is the maximum difference from the average. For the constant current outputs on the part, the following are determined: the maximum
output current (MAX), the minimum output current (MIN), and the average output current of all outputs (AVG). Two matching numbers
are calculated: (MAX – AVG)/AVG and (AVG – MIN)/AVG. The largest number of the two (worst case) is considered the matching
figure. Note that some manufacturers have different definitions in use.
(5)
Saturation voltage is defined as the voltage when the LED current has dropped 10% from the set value.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com