Electronic Components Datasheet Search
  English  ▼

X  

LP5562TME Datasheet(PDF) 6 Page - Texas Instruments

Part # LP5562TME
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562TME Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5562TME Datasheet HTML 2Page - Texas Instruments LP5562TME Datasheet HTML 3Page - Texas Instruments LP5562TME Datasheet HTML 4Page - Texas Instruments LP5562TME Datasheet HTML 5Page - Texas Instruments LP5562TME Datasheet HTML 6Page - Texas Instruments LP5562TME Datasheet HTML 7Page - Texas Instruments LP5562TME Datasheet HTML 8Page - Texas Instruments LP5562TME Datasheet HTML 9Page - Texas Instruments LP5562TME Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
LP5562
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
www.ti.com
6.6 Logic Interface Characteristics
Unless otherwise specified: limits for typical values are for TA = 25°C and minimum and maximum limits apply over the
operating ambient temperature range (
−40°C < TA < +85°C); VEN = 1.65 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUT EN
VIL
Input low level
0.5
V
VIH
Input high level
1.2
V
II
Logic input current
–1
1
µA
tDELAY
Input delay(1)
2
µs
LOGIC INPUT SCL, SDA, CLK_32K, ADDR_SEL0, ADDR_SEL1, VEN = 1.8 V
VIL
Input low level
0.2 × VEN
V
VIH
Input high level
0.8 × VEN
V
II
Input current
–1
1
µA
ƒCLK_32K
Clock frequency
32
kHz
ƒSCL
Clock frequency
400
kHz
LOGIC OUTPUT SDA
VOL
Output low level
IOUT = 3 mA (pullup current)
0.3
0.5
V
IL
Output leakage current
1
µA
(1)
The I2C host should allow at least 1ms before sending data to the LP5562 after the rising edge of the enable line.
6.7 Recommended External Clock Source Conditions
over operating free-air temperature range (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUT CLK_32K
ƒCLK_32K
Clock frequency
32.7
kHz
tCLKH
High time
6
µs
tCLKL
Low time
6
µs
tr
Clock rise time
10% to 90%
2
µs
tf
Clock fall time
90% to 10%
2
µs
(1)
Specification is ensured by design and is not tested in production. VEN = 1.65 V to VDD.
(2)
The ideal external clock signal for the LP5562 is a 0 V to VEN 25% to 75% duty-cycle square wave. At frequencies above 32.7 kHz,
program execution will be faster and at frequencies below 32.7 kHz program execution will be slower.
6.8 I
2C Timing Requirements (SDA, SCL)
See
(1)
MIN
MAX
UNIT
ƒSCL
Clock frequency
400
kHz
1
Hold time (repeated) START condition
0.6
µs
2
Clock low time
1.3
µs
3
Clock high time
600
ns
4
Setup time for a repeated START condition
600
ns
5
Data hold time
50
ns
6
Data setup time
100
ns
7
Rise time of SDA and SCL
20 + 0.1Cb
300
ns
8
Fall time of SDA and SCL
15 + 0.1Cb
300
ns
9
Set-up time for STOP condition
600
ns
10
Bus-free time between a STOP and a START condition
1.3
µs
Cb
Capacitive load for each bus line
10
200
pF
(1)
Specification is ensured by design and is not tested in production. VEN = 1.65 V to VDD.
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com