Electronic Components Datasheet Search
  English  ▼

X  

PT7C43390C Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PT7C43390C
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390C Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PT7C43390C Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
7
PT7C43390/43390C
Real-time Clock Module
Recommended Layout for Crystal (for PT7C43390)
Built-in Capacitors Specifications and Recommended External Capacitors
Parameter
Symbol
Typ.
Unit
Build in capacitors
XIN to GND
CG
5
pF
XOUT to GND
CD
5
pF
Recommended External capacitors for crystal
CL=12.5pF
XIN to GND
C1
18
pF
XOUT to GND
C2
18
pF
Recommended External capacitors for crystal
CL=6pF
XIN to GND
C1
7
pF
XOUT to GND
C2
7
pF
Note: The frequency of crystal can be optimized by external capacitor C1 and C2, for frequency=32.768 kHz, C1 and C2 should
meet the equation as below: Cpar + [(C1+CG)*(C2+CD)]/ [(C1+CG) + (C2+CD)] =CL
Cpar is all parasitical capacitor between X1 and X2.
CL is crystal’s load capacitance.
Crystal Specifications
Parameter
Symbol
Min.
Typ.
Max.
Unit
Nominal frequency
fO
-
32.768
-
kHz
Serial resistance
ESR
-
-
70
kΩ
Load capacitance
CL
-
6/12.5
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com