Electronic Components Datasheet Search
  English  ▼

X  

PT7C43390C Datasheet(PDF) 17 Page - Pericom Semiconductor Corporation

Part # PT7C43390C
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390C Datasheet(HTML) 17 Page - Pericom Semiconductor Corporation

Back Button PT7C43390C Datasheet HTML 13Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 14Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 15Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 16Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 17Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 18Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 19Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 20Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 21Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
17
PT7C43390/43390C
Real-time Clock Module
8. Nonexistent Data and End-of-Month
When users write the real-time data, the RTC checks it. In case that the data is invalid, the RTC does the following procedures.
 Processing of nonexistent data
*1. In 12-hour mode, write the AM / PM flag (B1 in hour data in the real-time data register). In 24-hour expression, the AM / PM
flag in the real-time data register is omitted. However in the flag of reading, users are able to read 0; 0 to 11, 1; 12 to 23.
*2. Processing of nonexistent data, regarding second data, is done by a carry pulse which is generated in 1 second, after writing.
At this point the carry pulse is sent to the minute-counter.
 Correction of end-of-month
A nonexistent day, such as February 30 and April 31, is set to the first day of the next month.
9.Alarm and Interrupt Output
9.1. INT1 Pin and INT2 Pin Output Mode
These are selectable for the output mode for INT1 and INT2 pins; Alarm interrupt, the output of user-set frequency, per-minute
edge interrupt output, minute-periodical interrupt output 1. In the INT1 pin output mode, in addition to the above modes, minute-
periodical interrupt output 2 and 32.768 kHz Output are also selectable. To switch the output mode, use the status register 2. Refer
to "Status register 2" in "Configuration of Registers". When switching the output mode, be careful of the output status of the pin.
Especially, when using alarm interrupt / output of frequency, switch the output mode after setting "00h" in the INT1 / INT2
register. In 32.768 kHz output / per-minute edge interrupt output / minute-periodical interrupt output, it is unnecessary to set data
in the INT1 / INT2 register for users. Refer to the followings regarding each operation of output modes.
a. Alarm Interrupt Output
Alarm interrupt output is the function to output "L" from the INT1 / INT2 pin, at the alarm time which is set by user has come. If
setting the pin output to "H", turn off the alarm function by setting "0" in INT1AE / INT2AE in the status register 2. To set the
alarm time, set the data of day of the week, hour and minute in the INT1 / INT2 register. Refer to "INT1 register and INT2
register" in "Configuration of Registers".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com