Electronic Components Datasheet Search
  English  ▼

X  

72001NH Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 72001NH
Description  Industrial Ethernet Cables
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

72001NH Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  72001NH Datasheet HTML 1Page - List of Unclassifed Manufacturers 72001NH Datasheet HTML 2Page - List of Unclassifed Manufacturers 72001NH Datasheet HTML 3Page - List of Unclassifed Manufacturers 72001NH Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Construction & Dimensions
Mechanical Data – Stationary Application
Part Number
Part Number
Part Number
Part Number
Conductor
Conductor
Conductor
Conductor
Insulation
Insulation
Insulation
Insulation
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
Braid
Braid
Braid
Braid
Coverage
Coverage
Coverage
Coverage
Sheath
Sheath
Sheath
Sheath
Material
Material
Material
Material
Sheath
Sheath
Sheath
Sheath
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
Sheath
Sheath
Sheath
Sheath
Colour
Colour
Colour
Colour
72001E
24AWG/1
1.10mm
>80%
PVC
6.00mm
Black
72001NH
24AWG/1
1.10mm
>80%
FRNC
6.00mm
Black
72001PU
24AWG/1
1.10mm
>80%
PUR
6.00mm
Black
Mechanical Data – Flexible Application
Part Number
Part Number
Part Number
Part Number
Conductor
Conductor
Conductor
Conductor
Insulation
Insulation
Insulation
Insulation
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
Braid
Braid
Braid
Braid
Coverage
Coverage
Coverage
Coverage
Sheath
Sheath
Sheath
Sheath
Material
Material
Material
Material
Sheath
Sheath
Sheath
Sheath
(Nom.
(Nom.
(Nom.
(Nom. Dia.)
Dia.)
Dia.)
Dia.)
Sheath
Sheath
Sheath
Sheath
Colour
Colour
Colour
Colour
72002E
26AWG/7
0.98mm
>80%
PVC
6.00mm
Black
72002NH
26AWG/7
0.98mm
>80%
FRNC
6.00mm
Black
72002PU
26AWG/7
0.98mm
>80%
PUR
6.60mm
Black
Conductor (24AWG/1 – Solid Bare Copper)
2 Twisted, Polypropylene Insulated Conductors
- Pair 1 = White / Blue
- Pair 2 = White / Orange
Foil Shield – Laminated Aluminium / Polyester
Braid Shield – Tinned Copper
Conductor (26AWG/7 – 7x0.16mm Stranded Tinned Copper)
2 Twisted, Polypropylene Insulated Conductors
- Pair 1 = White / Blue
- Pair 2 = White / Orange
Foil Shield – Laminated Aluminium / Polyester
Braid Shield – Tinned Copper



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com