Electronic Components Datasheet Search
  English  ▼

X  

72001NH Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 72001NH
Description  Industrial Ethernet Cables
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

72001NH Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  72001NH Datasheet HTML 1Page - List of Unclassifed Manufacturers 72001NH Datasheet HTML 2Page - List of Unclassifed Manufacturers 72001NH Datasheet HTML 3Page - List of Unclassifed Manufacturers 72001NH Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Standards
• ISO/IEC 11801 2nd Edition
• ISO/IEC 24702
• EN 50173-1
• TIA/EIA-568-B.2
Electrical Properties
Max Operating Voltage UL
450V A.C. / 300V D.C.
Velocity of Propagation @ 4 – 100 MHz
68%
Impedance @ 1 – 100 MHz
100 +/- 15 Ohm
72001E / 72001NH / 72001PU (AWG24)
Fr
Fr
Fr
Frequency
equency
equency
equency
(MHz)
(MHz)
(MHz)
(MHz)
Insertion Loss
Insertion Loss
Insertion Loss
Insertion Loss
(Max)
(Max)
(Max)
(Max) (dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
NEXT
NEXT
NEXT
NEXT
(dB)
(dB)
(dB)
(dB)
ELFEXT
ELFEXT
ELFEXT
ELFEXT
(dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
RETURN
RETURN
RETURN
RETURN
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
1
2.0
65.3
63.8
20.0
4
4.1
56.3
51.7
23.0
10
6.5
50.3
43.8
25.0
16
8.2
47.2
39.7
25.0
20
9.3
45.8
37.7
25.0
25
10.4
44.3
35.8
24.3
31.25
11.7
42.9
33.9
23.6
62.5
17.0
38.3
27.8
21.5
100
22.0
35.3
23.8
20.1
72001E / 72002NH / 72002PU (AWG26)
Frequency
Frequency
Frequency
Frequency
(MHz)
(MHz)
(MHz)
(MHz)
Insertion Loss
Insertion Loss
Insertion Loss
Insertion Loss
(Max)
(Max)
(Max)
(Max) (dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
NEXT
NEXT
NEXT
NEXT
(dB)
(dB)
(dB)
(dB)
ELFEXT
ELFEXT
ELFEXT
ELFEXT
(dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
RETURN
RETURN
RETURN
RETURN
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
1
3.2
65.3
63.8
20.0
4
6.0
56.3
51.7
23.0
10
9.5
50.3
43.8
25.0
16
12.1
47.2
39.7
25.0
20
13.6
45.8
37.7
25.0
25
15.3
44.3
35.8
24.3
31.25
17.1
42.9
33.9
23.6
62.5
24.8
38.3
27.8
21.5
100
32.0
35.3
23.8
20.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com