Electronic Components Datasheet Search
  English  ▼

X  

BAS21S Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # BAS21S
Description  Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAS21S Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  BAS21S Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAS21S Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BAS21S Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
S21C
BA
S21S
MARKING:JS2
MARKING:JS3
MARKING:JS
4
SOT-23
250
400
200
1
50
-55~+150
BAS21/A/C/S
FEATURES
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
High Conductance
BA
S21
MARKING: JS
Maximum Ratings @Ta=25
℃
Parameter
Symbol
Limit
Unit
Repetitive peak reverse voltage
Working peak reverse voltage
DC blocking voltage
VRRM
VRWM
VR
V
Forward continuous current
mA
Average rectified output current
mA
A
Repetitive peak forward surge current
mA
Power dissipation
PD
mW
Thermal resistance junction to ambient
RθJA
℃/W
Junction temperature
TJ
℃
Storage temperature range
TSTG
℃
Forward Surge Current @t=8.3ms
Non-Repetitive Peak
IFM
IO
IFSM
IFRM
555
225
625
2.5
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Reverse breakdown voltage
V(BR)
IR= 100µA
250
V
Reverse voltage leakage current
IR
VR=200V
0.
1
µA
Forward voltage
VF
IF=100mA
IF=200mA
1000
1250
mV
Diode capacitance
CD
VR=0V, f=1MHz
5
pF
Reveres recovery time
trr
IF=IR=30mA,Irr=0.1×IR,RL=100Ω
50
n
s
JS
JS2
JS3
JS4
Switching Diode
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20140305
H
BA
S21


Similar Part No. - BAS21S

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS21S WEITRON-BAS21S Datasheet
665Kb / 2P
Surface Mount Switching Diodes
logo
Pan Jit International I...
BAS21S PANJIT-BAS21S Datasheet
44Kb / 3P
SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
logo
Galaxy Semi-Conductor H...
BAS21S BILIN-BAS21S Datasheet
177Kb / 3P
Surface mount switching diode
logo
Guangdong Kexin Industr...
BAS21S KEXIN-BAS21S Datasheet
41Kb / 1P
Surface Mount Switching Diodes
logo
Taiwan Semiconductor Co...
BAS21S TSC-BAS21S Datasheet
80Kb / 2P
225mW SMD Switching Diode
More results

Similar Description - BAS21S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com