Electronic Components Datasheet Search
  English  ▼

X  

BAS21S Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # BAS21S
Description  Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAS21S Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  BAS21S Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAS21S Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BAS21S Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characteristics
04
8
12
16
20
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
125
150
0
50
100
150
200
250
300
0.0
0.4
0.8
1.2
1.6
2.0
0.01
0.1
1
10
100
1000
0
40
80
120
160
200
1
10
100
1000
T
a=25
℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE V
R
(V)
Power Derating Curve
AMBIENT TEMPERATURE T
a
( )
℃
Forward Characteristics
FORWARD VOLTAGE V
F
(V)
Reverse Characteristics
T
a=100
oC
T
a=25
oC
REVERSE VOLTAGE V
R
(V)
http://www.yeashin.com
2
REV.02 20140305
DEVICE CHARACTERISTICS
BAS21/A/C/S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com