Electronic Components Datasheet Search
  English  ▼

X  

TDA2E Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TDA2E
Description  SoC Processor for Advanced Driver Assist SystemsTechnical Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2E Datasheet(HTML) 2 Page - Texas Instruments

  TDA2E Datasheet HTML 1Page - Texas Instruments TDA2E Datasheet HTML 2Page - Texas Instruments TDA2E Datasheet HTML 3Page - Texas Instruments TDA2E Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TDA2E
SPRT714 – OCTOBER 2015
www.ti.com
1.2
Applications
•
LVDS or Ethernet Surround View
•
Sensor Fusion – Vision, Radar, Ultrasonic, Lidar
sensors
–
3D surround view
–
Object data fusion
–
Rear object detection
–
Raw data fusion
–
Parking assist
–
Pedestrian Detection
–
Lane tracking
–
Drive Recording
1.3
Description
TI’s new TDA2Ex (TDA2Eco) system-on-chips (SoCs) are a highly optimized and scalable family of
automotive processors designed to meet the requirements of leading Advanced Driver Assistance
Systems (ADAS). The TDA2Eco family targets today’s entry-to-mid-range automobiles by integrating an
optimal mix of performance, low power and ADAS vision analytics processing that aims to facilitate a more
autonomous and collision-free driving experience.
The TDA2Ex SoC enables sophisticated embedded vision technology in today’s automobile by enabling a
broad range of ADAS applications including park assist, surround view and sensor fusion on a single
architecture.
The TDA2Ex SoC incorporates a heterogeneous, scalable architecture that includes a mix of TI’s fixed
and floating-point TMS320C66x digital signal processor (DSP) generation core, ARM Cortex-A15
MPCore™ and dual-Cortex-M4 processors. The integration of a video accelerator for decoding multiple
video streams over an Ethernet AVB network, along with graphics accelerator for rendering virtual views,
enable a 3D viewing experience. And the TDA2Ex SoC also integrates a host of peripherals including
multi-camera interfaces (both parallel and serial including CSI-2) to enable Ethernet or LVDS-based
surround view systems, displays and GigB Ethernet AVB.
Additionally, TI provides a complete set of development tools for the ARM and DSP, including C
compilers, a DSP assembly optimizer to simplify programming and scheduling, and a debugging interface
for visibility into source code execution.
The TDA2Ex ADAS processor is qualified according to the AEC-Q100 standard.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
TDA2Ex
FCBGA (760)
23.0 mm × 23.0 mm
2
Device Overview
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TDA2E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com