Electronic Components Datasheet Search
  English  ▼

X  

TDA2E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TDA2E
Description  SoC Processor for Advanced Driver Assist SystemsTechnical Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2E Datasheet(HTML) 1 Page - Texas Instruments

  TDA2E Datasheet HTML 1Page - Texas Instruments TDA2E Datasheet HTML 2Page - Texas Instruments TDA2E Datasheet HTML 3Page - Texas Instruments TDA2E Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TDA2E
SPRT714 – OCTOBER 2015
TDA2E SoC Processor for Advanced Driver Assist Systems (ADAS) Technical Brief
1
Device Overview
1.1
Features
1
• Architecture Designed for ADAS Applications
• General-Purpose Memory Controller (GPMC)
• Video, Image, and Graphics Processing Support
• Enhanced Direct Memory Access (EDMA)
Controller
– Full-HD Video (1920 × 1080p, 60 fps)
• 2-Port Gigabit Ethernet (GMAC)
– Multiple Video Input and Video Output
– Up to Two External Ports, One Internal
• ARM® Cortex®-A15 Microprocessor Subsystem
• Sixteen 32-Bit General-Purpose Timers
• C66x Floating-Point VLIW DSP
• 32-Bit MPU Watchdog Timer
– Fully Object-Code Compatible With C67x and
C64x+
• Six High-Speed Inter-Integrated Circuit (I2C) Ports
– Up to Thirty-two 16 x 16-Bit Fixed-Point
• Ten Configurable UART/IrDA/CIR Modules
Multiplies per Cycle
• Four Multichannel Serial Peripheral Interfaces
• Up to 512KB of On-Chip L3 RAM
(MCSPIs)
• Level 3 (L3) and Level 4 (L4) Interconnects
• Quad SPI Interface (QSPI)
• DDR3/DDR3L Memory Interface (EMIF) Module
• SATA Interface
– Supports up to DDR3-1333 (667MHz)
• Multichannel Audio Serial Port (MCASP)
– Up to 4GB Across Two Chip Selects
• SuperSpeed USB 3.0 Dual-Role Device
• Two ARM Dual Cortex-M4 Image Processing Units
• High Speed USB 2.0 Dual-Role Device
(IPUs)
• High Speed USB 2.0 On-The-Go
• IVA-HD Subsystem
• PCI Express® 2.0 Port With Integrated PHY
• Display Subsystem
– One 2-lane Gen2-Compliant Port
– Display Controller With DMA Engine and up to
– or Two 1-lane Gen2-Compliant Ports
Three Pipelines
• Dual Controller Area Network (DCAN) Modules
– HDMI Encoder: HDMI 1.4a and DVI 1.0
– CAN 2.0B Protocol
Compliant
• Up to 215 General-Purpose I/O (GPIO) Pins
• Single-Core PowerVR™ SGX544 3D GPU
• Real-Time Clock Subsystem (RTCSS)
• 2D-Graphics Accelerator (BB2D) Subsystem
• Power, Reset, and Clock Management
– Vivante® GC320 Core
• On-Chip Debug With CTools Technology
• Video Processing Engine (VPE)
• 28-nm CMOS Technology
• One Video Input Port (VIP) Module
• 23 mm × 23 mm, 0.8-mm Pitch, 760-Pin BGA
– Support for up to 4 Multiplexed Input Ports
(ABC)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.


Similar Part No. - TDA2E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA2EGADQABCQ1 TI1-TDA2EGADQABCQ1 Datasheet
4Mb / 393P
SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2EGADQABCQ1 TI1-TDA2EGADQABCQ1 Datasheet
4Mb / 401P
SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results

Similar Description - TDA2E

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
DVD Processor Product Brief
logo
List of Unclassifed Man...
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
DVD Processor Product Brief
logo
Texas Instruments
DRA756 TI1-DRA756 Datasheet
101Kb / 5P
SoC Processors for Automotive Infotainment Technical Brief
TDA3 TI1-TDA3 Datasheet
93Kb / 6P
TDA3x SoC Processors for Advanced Driver Assist Systems (ADAS) Technical Brief
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
logo
List of Unclassifed Man...
MT6261D ETC2-MT6261D Datasheet
2Mb / 85P
MT6261D GSM GPRS SOC Processor Technical Brief
logo
Generalplus Technology ...
GP31P1003A GENERALPLUS-GP31P1003A Datasheet
409Kb / 6P
Advanced Multimedia Processor SOC Solution
GPCV1002A GENERALPLUS-GPCV1002A Datasheet
393Kb / 6P
Advanced Multimedia Processor SOC Solution
logo
List of Unclassifed Man...
MT6260A ETC1-MT6260A Datasheet
2Mb / 94P
GSM/GPRS/EDGE-RX SOC Processor Technical Brief
logo
Microsemi Corporation
ZL38063 MICROSEMI-ZL38063 Datasheet
1Mb / 63P
Microphone Array ASR-assist Audio Processor
Revision 4.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com