Electronic Components Datasheet Search
  English  ▼

X  

FRSTB1027 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # FRSTB1027
Description  3.3V CMOS 27.000MHz Set Top Box VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

FRSTB1027 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  FRSTB1027 Datasheet HTML 1Page - Pericom Semiconductor Corporation FRSTB1027 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All specifications are subject to change without notice.
FRSTB1027
Rev B
07/12/12
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
3.3V CMOS 27.000MHz Set Top Box VCXO
FRSTB1027
Application Specific Voltage Controlled
Crystal Oscillator 7.0 x 5.0mm
ASSP VCXO
Package:
Pin Functions:
Pin
Function
1
Control Voltage
2
Enable/Disable
3
Ground
4
Output
5
N/C
6
VDD
Recommended Land Pattern:
Part Ordering Information:
FRSTB1027
*Extended high frequency power decoupling is recommended (see test circuit for minimum
recommendation). To ensure optimal performance, do not route RF traces beneath the
package.
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
7.0 x 5.0mm Ceramic SMD
ASSP VCXO™ for Set Top Box
Product Features
• Very low Pk to Pk jitter - 50ps Max
• Low supply current - 10mA Max
• Low power standby mode
• RoHS Compliant
Product Description
This is an enhanced 3.3V, 27.000MHz
with superb jitter and low operating current
for providing clock references in STB
applications.
Applications
• Set Top Box
• Video
• MPEG-2
• DVD
1
(Scale: none, Dimensions are in mm)
12-0050


Similar Part No. - FRSTB1027

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FRS MSYSTEM-FRS Datasheet
98Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
VISATON GmbH & Co. KG
FRS 7 W VISATON-FRS 7 W Datasheet
456Kb / 1P
6,5 cm Breitbandlautsprecher / 2.5“ Fullrange Speakers
logo
M-System Co.,Ltd.
FRS-00-K MSYSTEM-FRS-00-K Datasheet
98Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FRS-00-K/BL MSYSTEM-FRS-00-K/BL Datasheet
98Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FRS-00-K/K MSYSTEM-FRS-00-K/K Datasheet
98Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FRSTB1027

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS615 ICST-ICS615 Datasheet
57Kb / 4P
Set-Top Box Clock Source
Revision 052098
MK2772-01 ICST-MK2772-01 Datasheet
64Kb / 4P
VCXO and Set-Top Clock Source
Revision 012098
logo
Pericom Semiconductor C...
PI6CX100-27 PERICOM-PI6CX100-27 Datasheet
291Kb / 4P
27 MHz 3.3V VCXO for Set-Top Box Applications
logo
List of Unclassifed Man...
ES4227 ETC-ES4227 Datasheet
94Kb / 8P
Internet Set-Top Box Solution
logo
Cypress Semiconductor
CY24713 CYPRESS-CY24713 Datasheet
149Kb / 6P
Set-top Box Clock Generator with VCXO
logo
Faraday Technology
AH1013 FARADAY-AH1013 Datasheet
72Kb / 2P
SET-TOP BOX FILTERS
logo
FSP TECHNOLOGY INC.
FSP040-DGAA3 FSP-FSP040-DGAA3 Datasheet
109Kb / 1P
IPC systems, Set top box
logo
STMicroelectronics
EVL6566B-40WSTB STMICROELECTRONICS-EVL6566B-40WSTB Datasheet
288Kb / 5P
Set-top box
18-May-2011
logo
Analog Devices
AD9877 AD-AD9877_17 Datasheet
491Kb / 37P
Set-Top Box, Cable Modem
23-Feb-2017
logo
Renesas Technology Corp
MK2771-16 RENESAS-MK2771-16 Datasheet
346Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com