Electronic Components Datasheet Search
  English  ▼

X  

FRSTB1027 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # FRSTB1027
Description  3.3V CMOS 27.000MHz Set Top Box VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

FRSTB1027 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  FRSTB1027 Datasheet HTML 1Page - Pericom Semiconductor Corporation FRSTB1027 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All specifications are subject to change without notice.
FRSTB1027
Rev B
07/12/12
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
3.3V CMOS 27.000 MHz Set Top Box VCXO
Application Specific Voltage Controlled
Crystal Oscillator 7.0 x 5.0mm
FRSTB1027
ASSP VCXO
Output Enable / Disable Function
Parameter
Min.
Typ.
Max.
Units
Notes
Input Voltage (pin 2), Output Enable
3.0
V
or open
Input Voltage (pin 2), Output Disable (low power standby)
0.3
V
Output is Hi-Z
Internal Pullup Resistance
50
kΩ
Output Disable Delay
100
200
ns
Output Enable Delay
0.2
ms
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output Frequency
27.000
MHz
Supply Voltage VDD
3.135
3.3
3.465
V
Supply Current, Output Enabled
10
mA
Supply Current, Output Disabled
1
µA
Frequency Stability
±25
ppm
See Note 1 below
Operating Temperature Range
-20
+70
°C
Output Logic 0, VOL
10% VDD
V
Output Logic 1, VOH
90% VDD
V
Output Load
15
pF
Duty Cycle
45
55
%
Measured 50% VDD
Rise and Fall Time
4
ns
Measured 20/80% of waveform
Jitter, Phase, RMS(1-s)
1
ps
12kHz~20MHz Frequency Band
Jitter, Peak to Peak (Pk-Pk)
50
ps
100.000 Random Periods
Notes:
1.
Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25°C),
aging (10 years at +40°C average effective ambient temperature), shock and vibration.
2. Forspecificationsotherethanthoselisted,pleasecontactsales.
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Notes
Storage Temperature
-55
+125
°C
For the latest product information visit:
http://www.pericom.com/products/crystals-and-crystal-oscillators/assp-xo/?part=FRSTB1027
For test circuit go to:
http://www.pericom.com/pdf/sre/tc_vc6cmos.pdf
For soldering reflow profile and reliability test ratings go to:
http://www.pericom.com/pdf/sre/reflow.pdf
For tape and reel information go to:
http://www.pericom.com/pdf/sre/tr_7050_xo.pdf
2
Voltage Control Function
Parameter
Min.
Typ.
Max.
Units
Notes
Absolute Pull Range (APR)
±100
ppm
See 1 below
Control Voltage Range
0.3
3.0
V
As rated
Center Control Voltage
1.65
V
For RMT Nominal Frequency
Monotonic Linearity
10
%
Positive Transfer Slope
Input Impedance
2000
kΩ
Control Voltage Pin
Notes:
1.
APR is relative to the nominal output frequency; APR is inclusive of frequency deviation due to stability.
12-0050



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com