Electronic Components Datasheet Search
  English  ▼

X  

ADC10158CIWM Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10158CIWM
Description  10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10158CIWM Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button ADC10158CIWM Datasheet HTML 12Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 13Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 14Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 15Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 16Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 17Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 18Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 19Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
1.0 Functional Description
The ADC10154 and ADC10158 use successive approxima-
tion to digitize an analog input voltage. Additional logic has
been incorporated in the devices to allow for the programma-
bility of the resolution, conversion time and digital output for-
mat. A capacitive array and a resistive ladder structure are
used in the DAC portion of the A/D converters. The structure
of the DAC allows a very simple switching scheme to provide
a very versatile analog input multiplexer. Also, inherent in
this structure is a sample/hold. A 2.5V CMOS band-gap ref-
erence is also provided on the ADC10154 and ADC10158.
1.1 DIGITAL INTERFACE
The ADC10154 and ADC10158 have eight digital outputs
(DB0–DB8) and can be easily interfaced to an 8-bit data
bus. Taking CS and WR low simultaneously will strobe the
data word on the data-bus into the input latch. This word will
be decoded to determine the multiplexer channel selection,
the A/D conversion resolution and the output data format.
The following table shows the input word data-bit assign-
ment.
DB0 through DB4 are assigned to the multiplexer address
data bits zero through four (MA0–MA4).
Tables 2, 3 describe
the multiplexer address assignment. DB5 selects unsigned
or signed (U/S) operation. DB6 selects 8- or 10-bit resolu-
tion. DB7 selects left or right justification of the output data.
Refer to
Table 1 for the effect the Control Input Data has on
the digital output word.
The conversion process is started by the rising edge of WR,
which sets the “start conversion” bit inside the ADC. If this bit
is set, the converter will start acquiring the input voltage on
the next falling edge of the internal CLK÷2 signal. The acqui-
sition period is 3 CLK÷2 periods, or 6 CLK periods. Immedi-
ately after the acquisition period the input signal is held and
the actual conversion begins. The number of clocks required
for a conversion is given in the following table:
Conversion Type
CLK÷2
CLK
Cycles
Cycles (N)
8-Bit
8
16
8-Bit + Sign
9
18
10-Bit
10
20
10-Bit + Sign
11
22
Since the CLK÷2 signal is internal to the ADC, it is initially
impossible to know which falling edge of CLK corresponds to
the falling edge of CLK÷2. For the first conversion, the rising
edge of WR should occur at least t
WS ns before any falling
edge of CLK. If this edge happens to be on the rising edge of
CLK÷2, this will add 2 CLK cycles to the total conversion
time. The phase of the CLK÷2 signal can be determined at
the end of the first conversion, when INT goes low. INT al-
ways goes low on the falling edge of the CLK÷2 signal. From
the first falling edge of INT onward, every other falling edge
of CLK will correspond to the falling edge of CLK÷2. With the
phase of CLK÷2 now known, the conversion time can be
minimized by taking WR high at least t
WS ns before the fall-
ing edge of CLK÷2.
Upon completion of the conversion, INT goes low to signal
the A/D conversion result is ready to be read. Taking CS and
RD low will enable the digital output buffer and put byte 1 of
the conversion result on DB0 through DB7. The falling edge
of RD resets the INT output high. Taking CS and RD low a
second time will put byte 2 of the conversion result on
DB7–DB0.
Table 1 defines the DB0–DB7 assignment for dif-
ferent Control Input Data. The second read does not have to
be completed before a new conversion is started.
Taking CS, WR and RD low simultaneously will start a con-
version without changing the multiplexer channel assign-
ment or output configuration and resolution. The timing dia-
gram in
Figure 3 shows the sequence of events that
implement this function. Refer to Diagrams 1, 2, and 3 in the
Timing Diagrams section for the timing constraints that must
be met.
DS011225-44
DS011225-19
FIGURE 3. Starting a Conversion without Updating the Channel Configuration, Resolution, or Data Format
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com