Electronic Components Datasheet Search
  English  ▼

X  

ADC10158CIWM Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10158CIWM
Description  10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10158CIWM Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button ADC10158CIWM Datasheet HTML 14Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 15Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 16Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 17Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 18Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 19Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 20Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 21Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
2.0 Applications Information (Continued)
2.2 REFERENCE CONSIDERATIONS
The voltage difference between the V
REF
+ and V
REF− inputs
defines the analog input voltage span (the difference be-
tween V
IN(Max) and VIN(Min)) over which the 2
n (where n is
the programmed resolution) possible output codes apply. In
the pseudo-differential and differential modes the actual volt-
age applied to V
REF
+ and V
REF
− can lie anywhere between
the AV
+ and V−. Only the difference voltage is of importance.
When using the single-ended multiplexer mode the voltage
at V
REF
− has a dual function. It simultaneously determines
the “zero” reference voltage and, with V
REF
+, the analog volt-
age span.
The value of the voltage on the V
REF
+ or V
REF
− inputs can be
anywhere between AV
+ + 50 mV and V− − 50 mV, so long as
V
REF
+ is greater than V
REF
−. The ADC10154 and ADC10158
can be used in either ratiometric applications or in systems
requiring absolute accuracy. The reference pins must be
connected to a voltage source capable of driving the mini-
mum reference input resistance of 4.5 k
Ω.
The internal 2.5V bandgap reference in the ADC10154 and
ADC10158 is available as an output on the VREFOut pin. To
ensure optimum performance this output needs to be by-
passed to ground with 330 µF aluminum electrolytic or tanta-
lum capacitor. The reference output is unstable with capaci-
tive loads greater than 100 pF and less than 100 µF. Any
capacitive loads
≤100 pF or ≥100 µF will not cause the refer-
ence to oscillate. Lower output noise can be obtained by in-
creasing the output capacitance. The 330 µF capacitor will
yield a typical noise floor of 200 nVrms/
.
The 2.5V reference output is referred to the negative supply
pin (V
−). Therefore, the voltage at VREFOut will always be
2.5V greater than the voltage applied to V
−. Applying this
voltage to V
REF
+ with V
REF
− tied to V− will yield an analog
voltage span of 2.5V. In bipolar operation the voltage at
VREFOut will be at −2.5V when V
− is tied to −5V. For the
single-ended multiplexer mode the analog input voltage
range will be from −5V to −2.5V. The pseudo-differential and
differential multiplexer modes allow for more flexibility in the
analog input voltage range since the “zero” reference volt-
age is set by the actual voltage applied to the assigned
negative input pin. The drawback of using the internal refer-
ence in the bipolar mode is that any noise on the −5V tied to
the V
− pin will affect the conversion result. The bandgap ref-
erence is specified and tested in unipolar operation with V
−
tied to the system ground.
In a ratiometric system (
Figure 5 (a)), the analog input volt-
age is proportional to the voltage used for the A/D reference.
This voltage may also be the system power supply, so V
REF
+
can also be tied to AV
+. This technique relaxes the stablity
requirements of the system reference as the analog input
and A/D reference move together maintaining the same out-
put code for a given input condition.
For absolute accuracy (
Figure 5 (b)), where the analog input
varies between very specific voltage limits, the reference pin
can be biased with a time- and temperature-stable voltage
source that has excellent initial accuracy. The LM4040 and
LM185 references are suitable for use with the ADC10154
and ADC10158.
4 Single-Ended
DS011225-40
2 Differential
DS011225-41
3 Pseudo-Differential
DS011225-42
2 Single Ended and 1 Differential
DS011225-43
FIGURE 4. Analog Input Multiplexer Options
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com