Electronic Components Datasheet Search
  English  ▼

X  

1024288 Datasheet(PDF) 2 Page - SICK AG

Part # 1024288
Description  POSITION FINDERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1024288 Datasheet(HTML) 2 Page - SICK AG

  1024288 Datasheet HTML 1Page - SICK AG 1024288 Datasheet HTML 2Page - SICK AG 1024288 Datasheet HTML 3Page - SICK AG 1024288 Datasheet HTML 4Page - SICK AG 1024288 Datasheet HTML 5Page - SICK AG 1024288 Datasheet HTML 6Page - SICK AG 1024288 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DMP2-P21111S01 | DMP2
POSITION FINDERS
Ordering information
Type
Part no.
DMP2-P21111S01
1024288
Other models and accessories
www.sick.com/DMP2
Detailed technical data
Performance
Target
Reflector
Sensing distance
200 mm ... 500 mm (PL22)
500 mm ... 1,200 mm (PL50A)
500 mm ... 2,000 mm (PL80A)
Repeatability
0.15 mm 1)
Response time
3 ms
Switching frequency
250 Hz
Light source
LED, red
Sensing angle
± 10° 2)
Operating mode
Choice of continuous or triggered
1) At 300 mm scanning distance.
2) In all axis perpendicular to the reflector (PL22, PL50A, PL80A)
Interfaces
Switching output
5 x PNP 1)
Blanking input AT
Blanked (triggered): PNP: > 18 V ... > Uv max.
Free running: PNP: < 2 V or free running
1) PNP: Active = Vs - (< 2 V) / Inactive = 0 V;
NPN: Active ≤ 2 V / Inactive = Vs.
Mechanics/electronics
Supply voltage Vs
DC 18 V ... 30 V 1)
Ripple
< 5 Vpp 2)
Connection type
Male connector, M12, 8-pin
Weight
990 g 3)
1) Limit values, reverse-polarity protected.
2) May not fall short of or exceed VS tolerances.
3) Incl. cable.
4) Without load.
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-05-02 22:08:07
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com