Electronic Components Datasheet Search
  English  ▼

X  

1024288 Datasheet(PDF) 3 Page - SICK AG

Part # 1024288
Description  POSITION FINDERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1024288 Datasheet(HTML) 3 Page - SICK AG

  1024288 Datasheet HTML 1Page - SICK AG 1024288 Datasheet HTML 2Page - SICK AG 1024288 Datasheet HTML 3Page - SICK AG 1024288 Datasheet HTML 4Page - SICK AG 1024288 Datasheet HTML 5Page - SICK AG 1024288 Datasheet HTML 6Page - SICK AG 1024288 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMP2-P21111S01 | DMP2
POSITION FINDERS
Output current IA
≤ 100 mA
Current consumption
< 250 mA 4)
1) Limit values, reverse-polarity protected.
2) May not fall short of or exceed VS tolerances.
3) Incl. cable.
4) Without load.
Ambient data
Enclosure rating
IP 67
Protection class
II 1)
Ambient temperature
Operation: –25 °C ... +55 °C
Storage: –25 °C ... +75 °C
Vibration resistance
According to IEC 68
1) Reference voltage DC 50 V.
Dimensional drawing (Dimensions in mm (inch))
1
2
3
3
3
4
43 (1.69)
81.5 (3.21)
25.7
(1.01)
38
(1.50)
①  Center of optical axis
②  Receiver
③  Thread borehole M6, 8 mm deep
④  Connector M12, 8-pin (rotatable up to 90°)
Connection type
Male connector M12, 8-pin
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com