Electronic Components Datasheet Search
  English  ▼

X  

LDGPON155 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # LDGPON155
Description  2.5V LVDS Low Jitter 155.52MHz GPON XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

LDGPON155 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  LDGPON155 Datasheet HTML 1Page - Pericom Semiconductor Corporation LDGPON155 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
All specifications are subject to change without notice.
LDGPON155
Rev E
07/13/12
2.5V LVDS Low Jitter 155.52MHz GPON XO
LDGPON155
Application Specific Crystal Oscillator 5.0 x 3.2mm
TM
Product Features
• Very low phase jitter
• Thicker crystal for improved reliability
• Pb-free & RoHS compliant
• Industrial temperature range
Product Description
The LD series 2.5V, 155.52MHz crystal clock
oscillator achieves superb jitter for GPON
applications. The output clock signal,
generated internally with a custom oscillator
design, is compatible with LVDS logic levels.
The device, available on tape and reel, is
contained in a 5.0 x 3.2mm surface-mount
ceramic package.
Applications
• GPON Optical Network Unit (ONU)
• GPON Optical Line Termination (OLT)
• GPON Gateway
Package:
Recommended Land Pattern:
Part Ordering Information:
LDGPON155
*Extended high frequency power decoupling is recommended (see test circuit for minimum
recommendation). To ensure optimal performance, do not route RF traces beneath the
package.
ASSP XO™ for Networking
Pin Functions:
Pin
Function
1
OE Function
2
N/C
3
VEE
4
OUT
5
OUT
6
VCC
1
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
5.0 x 3.2mm Ceramic SMD
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
(Scale: none, Dimensions are in mm)
12-0053


Similar Part No. - LDGPON155

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LDG5AP OSRAM-LDG5AP Datasheet
606Kb / 18P
white P-LCC-4 package, colorless clear silicone resin, clear silicone lens
LDG5AP-4M4N-35-1 OSRAM-LDG5AP-4M4N-35-1 Datasheet
519Kb / 19P
Advanced Power TOPLED Plus
logo
LIGITEK electronics co....
LDGL13732-S10-OD LIGITEK-LDGL13732-S10-OD Datasheet
111Kb / 6P
ROUND TYPE LED LAMPS
LDGL13732-S7 LIGITEK-LDGL13732-S7 Datasheet
79Kb / 6P
SUPER BRIGHT ROUND TYPE LED LAMPS
LDGL13732-S8 LIGITEK-LDGL13732-S8 Datasheet
110Kb / 6P
SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - LDGPON155

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
SNGPON155 PERICOM-SNGPON155 Datasheet
553Kb / 2P
3.3V PECL Low Jitter 155.52MHz GPON XO
SXGPON155 PERICOM-SXGPON155 Datasheet
532Kb / 2P
3.3V CMOS Low-Jitter 155.52 MHz GPON XO
logo
List of Unclassifed Man...
LDA000002 ETC2-LDA000002 Datasheet
249Kb / 2P
3.3V LVDS Low Jitter XO
logo
Pericom Semiconductor C...
FD-2.5V PERICOM-FD-2.5V Datasheet
259Kb / 3P
2.5V CMOS Low Jitter XO
FDQ-2.5V PERICOM-FDQ-2.5V Datasheet
982Kb / 2P
2.5V CMOS Low Jitter XO
FJ-2.5V PERICOM-FJ-2.5V Datasheet
601Kb / 2P
2.5V CMOS Low Jitter XO
FK-2.5V PERICOM-FK-2.5V Datasheet
643Kb / 2P
2.5V CMOS Low Jitter XO
FKQ-2.5V PERICOM-FKQ-2.5V Datasheet
857Kb / 2P
2.5V CMOS Low Jitter XO
PDGPON155 PERICOM-PDGPON155 Datasheet
875Kb / 2P
3.3V PECL Low Jitter 155.52MHz GPON XO
logo
Microchip Technology
MX573EBB125M000 MICROCHIP-MX573EBB125M000 Datasheet
1Mb / 4P
Ultra-Low Jitter 125MHz LVDS XO
June 26, 2019 Revision 1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com