Electronic Components Datasheet Search
  English  ▼

X  

LDGPON155 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # LDGPON155
Description  2.5V LVDS Low Jitter 155.52MHz GPON XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

LDGPON155 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  LDGPON155 Datasheet HTML 1Page - Pericom Semiconductor Corporation LDGPON155 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
All specifications are subject to change without notice.
LDGPON155
Rev E
07/13/12
2.5V LVDS Low Jitter 155.52 MHz GPON XO
Application Specific Crystal Oscillator 5.0 x 3.2mm
LDGPON155
TM
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output Frequency
155.52
MHz
Supply Voltage
2.25
2.50
2.75
V
Supply Current, Output Enabled
80
mA
Supply Current, Output Disabled
30
m
A
Frequency Stability
±50
ppm
See Note 1 below
Operating Temperature Range
-20
+70
°C
Output Logic 0, VOL
0.90
1.10
V
Output Logic 1, VOH
1.43
1.60
V
Output Load
100Ω & 5pF
output requires termination
Duty Cycle
45
55
%
Measured 50% waveform
Rise and Fall Time
1.0
ns
Measured 10/90% of waveform
Jitter, Phase RMS (1-σ)
1.0
ps
12 kHz to 20 MHz frequency band
Jitter, pk–pk
40
ps
100,000 random periods
Notes:
1.
Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25°C),
aging (5 year at 40°C average effective ambient temperature), shock and vibration.
2.
For specifications othere than those listed, please contact sales.
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Notes
Storage Temperature
-55
+125
°C
For the latest product information visit:
http://www.pericom.com/products/crystals-and-crystal-oscillators/assp-xo/?part=LDGPON155
For test circuit go to:
http://www.pericom.com/pdf/sre/tc_lvds.pdf
For soldering reflow profile and reliability test ratings go to:
http://www.pericom.com/pdf/sre/reflow.pdf
For tape and reel information go to:
http://www.pericom.com/pdf/sre/tr_5032_xo.pdf
2
Output Enable / Disable Function
Parameter
Min.
Typ.
Max.
Units
Notes
Input Voltage (pin 1), Output Enable
0.7* VCC
V
or open
Input Voltage (pin 1), Output Disable (low power standby)
0.3* VCC
V
Outputs disabled to Hi-Z
Output Disable Delay
200
ns
Output Enable Delay
2
ms
Internal Pull Up Resistance
50
kΩ
12-0053



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com