Electronic Components Datasheet Search
  English  ▼

X  

ADC10664CIWM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10664CIWM
Description  10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10664CIWM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button ADC10664CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 11Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 12Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Functional Description (Continued)
On the left side of the diagram is a string of seven resistors
connected between V
REF+ and VREF−. Six comparators com-
pare the input voltage with the tap voltages on this resistor
string to provide a low-resolution “estimate” of the input volt-
age. This estimate is then used to control the multiplexer that
connects the MSB Ladder to the sixteen comparators on the
right. Note that the comparators on the left needn’t be very
accurate; they simply provide an estimate of the input volt-
age. Only the sixteen comparators on the right and the six on
the left are necessary to perform the initial six-bit flash con-
version, instead of the 64 comparators that would be re-
quired using conventional half-flash methods.
To perform a conversion, the estimator compares the input
voltage with the tap voltages on the seven resistors on the
left. The estimator decoder then determines which MSB Lad-
der tap points will be connected to the sixteen comparators
on the right. For example, assume that the estimator deter-
mines that V
IN is between 11/16 and 13/16 of VREF. The es-
timator decoder will instruct the comparator MUX to connect
the 16 comparators to the taps on the MSB ladder between
10/16 and 14/16 of V
REF. The 16 comparators will then per-
form the first flash conversion. Note that since the compara-
tors are connected to ladder voltages that extend beyond the
range indicated by the estimator circuit, errors in the estima-
tor as large as 1/16 of the reference voltage (64 LSBs) will
be corrected. This first flash conversion produces the six
most significant bits of data — four bits in the flash itself, and
2 bits in the estimator.
The remaining four LSBs are now determined using the
same sixteen comparators that were used for the first flash
conversion. The MSB Ladder tap voltage just below the input
voltage (as determined by the first flash) is subtracted from
the input voltage and compared with the tap points on the
sixteen LSB Ladder resistors. The result of this second,
four-bit flash conversion is then decoded, and the full 10-bit
result is latched.
Note that the sixteen comparators used in the first flash con-
version are reused for the second flash. Thus, the multistep
conversion technique used in the ADC10662 and ADC10664
needs only a small fraction of the number of comparators
that would be required for a traditional flash converter, and
far fewer than would be used in a conventional half-flash ap-
proach. This allows the ADC10662 and ADC10664 to per-
form high-speed conversions without excessive power drain.
Applications Information
1.0 MODES OF OPERATION
The ADC10662 and ADC10664 have two basic digital inter-
face modes.
Figure 1 and Figure 2 are timing diagrams for
the two modes. The ADC10662 and ADC10664 have input
multiplexers that are controlled by the logic levels on pins S
0
and S
1 when S /H goes low. Table 1 is a truth table showing
how the input channnels are assigned.
Mode 1
In this mode, the S /H pin controls the start of conversion.
S/H is pulled low for a minimum of 150 ns. This causes the
comparators in the “coarse” flash converter to become ac-
tive. When S /H goes high, the result of the coarse conver-
sion is latched and the “fine” conversion begins. After 360 ns
(typical), INT goes low, indicating that the conversion results
are latched and can be read by pulling RD low. Note that CS
must be low to enable S /H or RD. CS is internally “ANDed”
DS011192-12
FIGURE 3. Block Diagram of the Multistep Converter Architecture
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com