Electronic Components Datasheet Search
  English  ▼

X  

ADC10664CIWM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10664CIWM
Description  10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10664CIWM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC10664CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 11Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 12Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 13Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Applications Information (Continued)
An A/D converter’s AC performance can be measured using
Fast Fourier Transform (FFT) methods. A sinusoidal wave-
form is applied to the A/D converter’s input, and the trans-
form is then performed on the digitized waveform. The re-
sulting spectral plot might look like the ones shown in the
typical performance curves. The large peak is the fundamen-
tal frequency, and the noise and distortion components (if
any are present) are visible above and below the fundamen-
tal frequency. Harmonic distortion components appear at
whole multiples of the input frequency. Their amplitudes are
combined as the square root of the sum of the squares and
compared to the fundamental amplitude to yield the THD
specification. Guaranteed limits for THD are given in the
table of Electrical Characteristics.
Signal-to-noise ratio is the ratio of the amplitude at the fun-
damental frequency to the rms value at all other frequencies,
excluding any harmonic distortion components. Guaranteed
limits are given in the Electrical Characteristics table. An al-
ternative definition of signal-to-noise ratio includes the distor-
tion components along with the random noise to yield a
signal-to-noise-plus-distortion ration, or S/(N + D).
The THD and noise performance of the A/D converter will
change with the frequency of the input signal, with more dis-
tortion and noise occurring at higher signal frequencies. One
way of describing the A/D’s performance as a function of sig-
nal frequency is to make a plot of “effective bits” versus fre-
quency. An ideal A/D converter with no linearity errors or
self-generated noise will have a signal-to-noise ratio equal to
(6.02n + 1.76) dB, where n is the resolution in bits of the A/D
converter. A real A/D converter will have some amount of
noise and distortion, and the effective bits can be found by:
where S/(N + D) is the ratio of signal to noise and distortion,
which can vary with frequency.
As an example, an ADC10662 with a 4.85 V
P-P, 100 kHz
sine
wave
input
signal
will
typically
have
a
signal-to-noise-plus-distortion ratio of 59.2 dB, which is
equivalent to 9.54 effective bits. As the input frequency in-
creases, noise and distortion gradually increase, yielding a
plot of effective bits or S/(N + D) as shown in the typical per-
formance curves.
8.0 SPEED ADJUST
The speed adjust pin is connected to an on-chip current
source that determines the converter’s internal timing. By
connecting a resistor between the speed adjust pin and
ground as shown in
Figure 4, the internal programming cur-
rent is increased, which reduces the conversion time. The
ADC10662 and ADC10664 are specified and guaranteed for
operation with R
SA = 14.0 kΩ (Mode 1) or RSA = 8.26k
(Mode 2). Smaller resistors will result in faster conversion
times, but linearity will begin to degrade as R
SA becomes
smaller (see curves).
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com