Electronic Components Datasheet Search
  English  ▼

X  

28551 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 28551
Description  Horizontal and building backbone cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28551 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  28551 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28551 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Belden 1583ENH
Product Datasheet
P/N 46376 - Rev. 3A
Page 2 of 2
Date 01-04-2000
Cat 5 enhanced UTP FRNC
Belden Wire & Cable B.V.
All rights are reserved. Reproduction in whole or in part is prohibited without the written consent of the copyright owner
Nominal mutual capacitance at 1 kHz
50 nF/km
Maximum conductor DCR
93.5 Ohm/km
NVP - Nominal Velocity of Propagation
0.68 c
SKEW – Propagation delay difference (100 MHz)
Typical
≤ 10 ns/100m
Impedance 1-100 MHz
100 ± 15 Ohm
Temperature range - operation
-20°C - +60°C
Temperature range - installation
+0°C - +50°C
Minimum bending radius - operation
19 mm
Minimum bending radius - installation
38 mm
Maximum pulling tension
80 N
Flame retardancy
IEC 332-1
Energy of flame
250 kJ/m
Weight (approx.)
28 kg/km
Maximum operating voltage
48 V rms
Maximum continuous current per conductor (25
°C) 1.4 A
MARKING
Text on the cable jacket
Inkjet printing
Meter marking:
Yes
Production date marking:
Yes
JACKET COLOUR
Colour
RAL code
Belden colour code
Grey
RAL 7032
2807
Blue
RAL 5015
3072
PACKAGING (PUT UP)
Belden code
Delivery length
Weight
Remark
46376 xxxx 178
305 m
8,5 kg
Unreel box
46376 xxxx 028
305 m
8,5 kg
Non returnable reel
46376 xxxx 011
500 m
14,0 kg
Non returnable reel
46376 xxxx 240
1000 m
28,0 kg
Non returnable reel
xxxx: Belden colour code
Electrical characteristics (at 20 ºC)
Ordering information
General and environmental characteristics
BELDEN 1583ENH UTP CAT5E 4PR AWG24 LSNH ISO/IEC 11801 EN50173
VERIFIED 100 OHM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com