Electronic Components Datasheet Search
  English  ▼

X  

28551 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 28551
Description  Horizontal and building backbone cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28551 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  28551 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28551 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Belden 1583ENH
Product Datasheet
P/N 46376 - Rev. 3A
Page 1 of 2
Date 01-04-2000
Cat 5 enhanced UTP FRNC
Belden Wire & Cable B.V.
All rights are reserved. Reproduction in whole or in part is prohibited without the written consent of the copyright owner
• Horizontal and building backbone cable.
• Support current and future Category 5 enhanced applications, such as:
10 Base-T, 100 Base-T, 1000 Base-T (Gibabit Ethernet), FDDI, ATM
General standards: ISO/IEC 11801, EN 50173, TSB 36, TIA/EIA 568-A-5 (enhanced)
Future standards like: JTC1 SC25 WG3 N568 and prEN 50288-3-1
• Construction:
Unshielded 4 twisted pairs
• Conductor:
solid bare copper
• Conductor diameter:
AWG 24 (0,51 mm)
• Conductor insulation material:
Polyethylene (PE)
• Diameter over insulation:
0,90 mm
± 0.05 mm
• Jacket material:
FRNC (Flame retardant)
• Outer diameter:
4,70 mm
± 0.30 mm
Attenuation
Frequency
1
4
10
16
20
31.25
62.5
100
MHz
Spec. (Max.)1)
2.1
4.3
6.6
8.2
9.2
11.8
17.1
22.0
dB/100m
Typical
2.0
4.0
6.3
8.0
9.0
11.3
16.2
20.7
dB/100m
NEXT (Near end crosstalk)
Frequency
1
4
10
16
20
31.25
62.5
100
MHz
Spec. (Min.)1)
65.3
56.3
50.3
47.3
45.8
42.9
38.4
35.3
dB
Typical
73
64585554514744
dB
Power sum NEXT
Frequency
1
4
10
16
20
31.25
62.5
100
MHz
Spec. (Min.)1)
62.3
53.3
47.3
44.3
42.8
39.9
35.4
32.3
dB/100m
Typical
71
62
56
53
52
49
45
42
dB/100m
Power sum ELFEXT
Frequency
1
4
10
16
20
31.25
62.5
100
MHz
Spec. (Min.)2)
60.8
48.7
40.8
36.7
34.7
30.9
24.8
20.8
dB/100m
Typical
71
59
51
46
43
39
33
28
dB/100m
ACR
Frequency
1
4
10
16
20
31.25
62.5
100
MHz
Spec. (Min.)1)
63
52
44
39
37
31
22
14
dB/100m
Typical
71
61
52
48
45
40
31
24
dB/100m
Power sum ACR
Frequency
1
4
10
16
20
31.25
62.5
100
MHz
Spec. (Min.)1)
60
49
41
36
34
28
19
11
dB/100m
Typical
69
59
50
46
43
38
29
22
dB/100m
1): Specification values according to cable requirements of ISO/IEC 11801 category 5 enhanced
2): Specification values according to cable requirements of ANSI/TIA/EIA-568-A-5 (enhanced)
Standards
Construction & Dimensions
Electrical characteristics (at 20 ºC)
Application
Colour code
Pair 1
White-Blue/Blue
Pair 2
White-Orange/Orange
Pair 3
White-Green/Green
Pair 4
White-Brown/Brown


Similar Part No. - 28551

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
28551 WIHA-28551 Datasheet
2Mb / 20P
PROFESSIONAL TORQUE CONTROL
More results

Similar Description - 28551

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EZR32LG230 SILABS-EZR32LG230 Datasheet
1Mb / 87P
Building and home automation
EZR32LG330 SILABS-EZR32LG330 Datasheet
1Mb / 87P
Building and home automation
EZR32WG230 SILABS-EZR32WG230 Datasheet
1Mb / 87P
Building and home automation
EZR32WG330 SILABS-EZR32WG330 Datasheet
1Mb / 87P
Building and home automation
logo
List of Unclassifed Man...
28544 ETC2-28544 Datasheet
159Kb / 2P
Horizontal and building backbone cable
28442 ETC2-28442 Datasheet
192Kb / 2P
Horizontal and building backbone cable
1725287 ETC2-1725287 Datasheet
211Kb / 2P
Horizontal and building backbone cable
logo
Silicon Laboratories
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
Home and Building Automation
EFR32MG1 SILABS-EFR32MG1 Datasheet
1Mb / 94P
Home and Building Automation and Security
logo
Harwin Plc
S8081-46R HARWIN-S8081-46R Datasheet
84Kb / 1P
HORIZONTAL SMT CABLE AND PIN CLIP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com