Electronic Components Datasheet Search
  English  ▼

X  

33441 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 33441
Description  22 AWG stranded (7x30) tinned copper conductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

33441 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  33441 Datasheet HTML 1Page - List of Unclassifed Manufacturers 33441 Datasheet HTML 2Page - List of Unclassifed Manufacturers 33441 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8778 Paired - Audio, Control and Instrumentation Cable
OUTER SHIELD:
Outer Shield Material
Unshielded
OUTER JACKET:
Outer Jacket Material
PVC - Polyvinyl Chloride
OVERALL NOMINAL DIAMETER:
Overall Nominal Diameter
.362 in.
MECHANICAL CHARACTERISTICS:
Operating Temperature Range
-20°C To +80°C
UL Temperature Rating
80°C (UL AWM Style 2919)
Bulk Cable Weight
74.3 lbs/1000 ft.
Max. Recommended Pulling Tension
157 lbs.
Min. Bend Radius (Install)
3.6 in.
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
APPLICABLE STANDARDS:
NEC/(UL) Specification
CM
CEC/C(UL) Specification
CM
AWM Specification
UL Style 2919 (30 V 80°C)
FLAME TEST:
UL Flame Test
UL1581 Vertical Tray
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
Non-Plenum Number
88778, 87778, 82778
ELECTRICAL CHARACTERISTICS:
Nom. Characteristic Impedance
50 Ohms
Nom. Inductance
0.18 µH/ft
Nom. Capacitance Conductor to Conductor @ 1 KHz
30 pF/ft
Nom. Cap. Cond. to Other Cond. & Shield @ 1 KHz
55 pF/ft
Nominal Velocity of Propagation
66 %
Nom. Conductor DC Resistance @ 20 Deg. C
15 Ohms/1000 ft
Ind. Pair Nominal Shield DC Resistance @ 20 Deg. C
10.6 Ohms/1000 ft
Max. Operating Voltage - UL
30 V RMS (UL AWM Style 2919), 300 V RMS (CM)
Other Maximum Currents
2 Amps per conductor @ 25°C
Revision Number: 1
Revision Date: 12-11-2003
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com