Electronic Components Datasheet Search
  English  ▼

X  

33441 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 33441
Description  22 AWG stranded (7x30) tinned copper conductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

33441 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  33441 Datasheet HTML 1Page - List of Unclassifed Manufacturers 33441 Datasheet HTML 2Page - List of Unclassifed Manufacturers 33441 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8778 Paired - Audio, Control and Instrumentation Cable
For more information please
call
1-800-Belden1
Color Code Chart : No. 3 for
Paired Cables (Belden
Standard).pdf
Description:
22 AWG stranded (7x30) tinned copper conductors, twisted pairs, polypropylene insulation, individually shielded with 100% Beldfoil®
shield, 22 AWG stranded tinned copper drain wire each pair, PVC jacket.
PHYSICAL CHARACTERISTICS:
CONDUCTOR:
Number of Pairs
6
Total Number of Conductors
12
AWG
22
Stranding
7x30
Conductor Diameter
.030 in.
Conductor Material
TC - Tinned Copper
INSULATION:
Insulation Material
PP - Polypropylene
Insulation Diameter
.050 in.
PAIR:
Pair Lay Length
1.75 in.
Pair Twists/ft.
6.85
Pair Shield Material Trade Name
Beldfoil® (Z-Fold®)
Pair Shield Type
Tape
Pair Shield Material
Aluminum Foil-Polyester Tape
Pair Shield % Coverage
100 %
PAIR SHIELD DRAIN WIRE :
Pair Shield Drain Wire AWG
22
Pair Shield Drain Wire Stranding
Stranded
Pair Shield Drain Wire Conductor Material
TC - Tinned Copper
Pair Color Code Chart :
Number
Color
1
Black & Red
2
Black & White
3
Black & Green
Number
Color
4
Black & Blue
5
Black & Yellow
6
Black & Brown
Page 1 of 3


Similar Part No. - 33441

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
33441 WIHA-33441 Datasheet
6Mb / 44P
Professional Insulated Tools
33441 WIHA-33441 Datasheet
371Kb / 1P
Insulated Industrial Water Pump Pliers
More results

Similar Description - 33441

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
3106A ETC2-3106A Datasheet
102Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1344818 ETC2-1344818 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, PVC insulation
1345874 ETC2-1345874 Datasheet
101Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346355 ETC2-1346355 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351299 ETC2-1351299 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
8723NH ETC2-8723NH Datasheet
113Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com