Electronic Components Datasheet Search
  English  ▼

X  

PI3HDMI521 Datasheet(PDF) 16 Page - Pericom Semiconductor Corporation

Part # PI3HDMI521
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI521 Datasheet(HTML) 16 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI521 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 16Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 17Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 18Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 19Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 20Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
16
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
Power Supply Decoupling Circuit
It is recommended to put 0.1 µF decoupling capacitors on each VDD pins of our part, there are four 0.1 µF decoupling
capacitors are put in Figure 1 with an assumption of only four VDD pins on our part, if there is more or less VDD pins
on our Pericom parts, the number of 0.1 µF decoupling capacitors should be adjusted according to the actual number
of VDD pins. On top of 0.1 µF decoupling capacitors on each VDD pins, it is recommended to put a 10 µF decoupling
capacitor near our part’s VDD, it is for stabilizing the power supply for our part. Ferrite bead is also recommended for
isolating the power supply for our part and other power supplies in other parts of the circuit. But, it is optional and de-
pends on the power supply conditions of other circuits.
Requirements on the De-coupling Capacitors
There is no special requirement on the material of the capacitors. Ceramic capacitors are generally being used with typi-
cally materials of X5R or X7R.
Recommended Power Supply Decoupling Capacitor Diagram
14-0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com