Electronic Components Datasheet Search
  English  ▼

X  

PI3HDMI521 Datasheet(PDF) 18 Page - Pericom Semiconductor Corporation

Part # PI3HDMI521
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI521 Datasheet(HTML) 18 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI521 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 16Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 17Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 18Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 19Page - Pericom Semiconductor Corporation PI3HDMI521 Datasheet HTML 20Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
18
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
Ordering Information
Ordering Code
Package Code
Package Description
PI3HDX412BDZBE
ZB
56-pin, Pb-free & Green TQFN, Source Termination Type
Notes:
Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
PI3HDX412B : Root Part Number
-D/E : D= Source Termination TMDS Top Mount Type, E = Source Termination TMDS Bottom Mount Type
-ZB = 56-pin TQFN Package Type
-E = Pb-free and Green
Adding an -X Suffix = Tape/Reel Type
DESCRIPTION: 56-contact, Thin Fine Pitch Quad Flat No-lead (TQFN)
PACKAGE CODE: ZB (ZB56)
DOCUMENT CONTROL #: PD-2008
REVISION: E
DATE: 03/18/09
Package Mechanical:
56-pin TQFN (ZB56)
Note:
For latest package info, please check: http://www.pericom.com/products/packaging
14-0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com