Electronic Components Datasheet Search
  English  ▼

X  

ADC10732 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10732
Description  10-Bit Plus Sign Serial I/O A/D Converters with Mux,
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10732 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC10732 Datasheet HTML 1Page - National Semiconductor (TI) ADC10732 Datasheet HTML 2Page - National Semiconductor (TI) ADC10732 Datasheet HTML 3Page - National Semiconductor (TI) ADC10732 Datasheet HTML 4Page - National Semiconductor (TI) ADC10732 Datasheet HTML 5Page - National Semiconductor (TI) ADC10732 Datasheet HTML 6Page - National Semiconductor (TI) ADC10732 Datasheet HTML 7Page - National Semiconductor (TI) ADC10732 Datasheet HTML 8Page - National Semiconductor (TI) ADC10732 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Electrical Characteristics (Continued)
The following specifications apply for V
+ = AV+ = DV+ = +5.0 V
DC,VREF+ = 2.5 VDC,VREF− = GND, VIN− = 2.5V for Signed
Characteristics, V
IN− = GND for Unsigned Characteristics and fCLK = 2.5 MHz unless otherwise specified. Boldface limits ap-
ply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = +25˚C. (Notes 8, 9, 10)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 11)
(Note 12)
(Limits)
DYNAMIC SIGNED CONVERTER CHARACTERISTICS
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
V
IN = 4.85 VPP,67
dB
and f
IN = 1 kHz to 15 kHz
ENOB
Effective Number of Bits
V
IN = 4.85 VPP,
10.8
Bits
and f
IN = 1 kHz to 15 kHz
THD
Total Harmonic Distortion
V
IN = 4.85 VPP,
−78
dB
and f
IN = 1 kHz to 15 kHz
IMD
Intermodulation Distortion
V
IN = 4.85 VPP,
−85
dB
and f
IN = 1 kHz to 15 kHz
Full-Power Bandwidth
V
IN = 4.85 VPP, where
380
kHz
S/(N + D) Decreases
3dB
Multiplexer Channel to Channel
Crosstalk
f
IN = 15 kHz
−80
dB
DYNAMIC UNSIGNED CONVERTER CHARACTERISTIC
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
V
REF+ = 4.096V,
V
IN = 4.0 VPP, and
60
dB
f
IN =1 kHz to 15 kHz
Effective Bits
V
REF+ = 4.096V,
V
IN = 4.0 VPP, and
9.8
Bits
f
IN = 1 kHz to 15 kHz
THD
Total Harmonic Distortion
V
REF+ = 4.096V,
V
IN = 4.0 VPP, and
−70
dB
f
IN = 1 kHz to 15 kHz
IMD
Intermodulation Distortion
V
REF+ = 4.096V,
V
IN = 4.0 VPP, and
−73
dB
f
IN = 1 kHz to 15 kHz
Full-Power Bandwidth
V
IN = 4.0 VPP,
V
REF+ = 4.096V,
380
kHz
where S/(N+D) decreases
3dB
Multiplexer Channel to Channel
f
IN = 15 kHz,
−80
dB
Crosstalk
V
REF+ = 4.096V
REFERENCE INPUT AND MULTIPLEXER CHARACTERISTICS
Reference Input Resistance
7
k
Ω
5.0
k
Ω(min)
9.5
k
Ω(max)
C
REF
Reference Input Capacitance
70
pF
MUX Input Voltage
−50
mV(min)
AV
+ +50 mV
(max)
C
IM
MUX Input Capacitance
47
pF
Off Channel Leakage Current
(Note 15)
On Channel = 5V and
−0.4
−3.0
µA(max)
Off Channel = 0V
On Channel = 0V and
0.4
3.0
µA(max)
Off Channel = 5V
On Channel Leakage Current
On Channel = 5V and
0.4
3.0
µA(max)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com