Electronic Components Datasheet Search
  English  ▼

X  

ADC10732 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10732
Description  10-Bit Plus Sign Serial I/O A/D Converters with Mux,
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10732 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button ADC10732 Datasheet HTML 19Page - National Semiconductor (TI) ADC10732 Datasheet HTML 20Page - National Semiconductor (TI) ADC10732 Datasheet HTML 21Page - National Semiconductor (TI) ADC10732 Datasheet HTML 22Page - National Semiconductor (TI) ADC10732 Datasheet HTML 23Page - National Semiconductor (TI) ADC10732 Datasheet HTML 24Page - National Semiconductor (TI) ADC10732 Datasheet HTML 25Page - National Semiconductor (TI) ADC10732 Datasheet HTML 26Page - National Semiconductor (TI) ADC10732 Datasheet HTML 27Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Applications Hints (Continued)
3.4 Optional Adjustments
3.4.1 Zero Error
The zero error of the A/D converter relates to the location of
the first riser of the transfer function (see
Figures 1, 2) and
can be measured by grounding the minus input and applying
a small magnitude voltage to the plus input. Zero error is the
difference between actual DC input voltage which is neces-
sary to just cause an output digital code transition from 000
0000 0000 to 000 0000 0001 and the ideal 1⁄2 LSB value (1⁄2
LSB = 1.22 mV for V
REF = + 2.500V).
The zero error of the A/D does not require adjustment. If the
minimum analog input voltage value, V
IN(Min), is not ground,
the effective “zero” voltage can be adjusted to a convenient
value. The converter can be made to output an all zeros digi-
tal code for this minimum input voltage by biasing any minus
input to V
IN(Min). This is useful for either the differential or
pseudo-differential input channel configurations.
3.4.2 Full-Scale
The full-scale adjustment can be made by applying a differ-
ential input voltage which is 11⁄2 LSB down from the desired
analog full-scale voltage range and then adjusting the V
REF
voltage (V
REF = VREF
+–V
REF
−) for a digital output code
changing from 011 1111 1110 to 011 1111 1111. In bipolar
signed operation this only adjusts the positive full scale error.
3.4.3 Adjusting for an Arbitrary Analog Input
Voltage Range
If the analog zero voltage of the A/D is shifted away from
ground (for example, to accommodate an analog input signal
which does not go to ground), this new zero reference
should be properly adjusted first. A plus input voltage which
equals this desired zero reference plus 1⁄2 LSB is applied to
selected plus input and the zero reference voltage at the cor-
responding minus input should then be adjusted to just ob-
tain the 000 0000 0000 to 000 0000 0001 code transition.
The full-scale adjustment should be made [with the proper
minus input voltage applied] by forcing a voltage to the plus
input which is given by:
where V
MAX equals the high end of the analog input range,
V
MIN equals the low end (the offset zero) of the analog
range. Both V
MAX and VMIN are ground referred. The VREF
(V
REF = VREF
+ −V
REF
−) voltage is then adjusted to provide
a code change from 011 1111 1110 to 011 1111 1111. Note,
when using a pseudo-differential or differential multiplexer
mode where V
REF+ and VREF− are placed within the V
+ and
GND range, the individual values of V
REF and VREF−donot
matter, only the difference sets the analog input voltage
span. This completes the adjustment procedure.
3.5 The Input Sample and Hold
The ADC10731/2/4/8’s sample/hold capacitor is imple-
mented in the capacitor array. After the channel address is
loaded, the array is switched to sample the selected positive
analog input. The sampling period for the assigned positive
input is maintained for the duration of the acquisition time (t
A)
4.5 clock cycles.
This acquisition window of 4.5 clock cycles is available to al-
low the voltage on the capacitor array to settle to the positive
analog input voltage. Any change in the analog voltage on a
selected positive input before or after the acquisition window
will not effect the A/D conversion result.
In the simplest case, the array’s acquisition time is deter-
mined by the R
ON (3 kΩ) of the multiplexer switches, the
stray input capacitance C
S1 (3.5 pF) and the total array (CL)
and stray (C
S2) capacitance (48 pF). For a large source re-
sistance the analog input can be modeled as an RC network
as shown in
Figure 16. The values shown yield an acquisi-
tion time of about 1.1 µs for 10-bit unipolar or 10-bit plus sign
accuracy with a zero-to-full-scale change in the input volt-
age. External source resistance and capacitance will
lengthen the acquisition time and should be accounted for.
Slowing the clock will lengthen the acquisition time, thereby
allowing a larger external source resistance.
Absolute Using a 4.096V Span
DS011390-30
FIGURE 15. Different Reference Configurations
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com