Electronic Components Datasheet Search
  English  ▼

X  

MS-151 Datasheet(PDF) 1 Page - Hirose Electric

Part # MS-151
Description  Interface RF Connector with Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MS-151 Datasheet(HTML) 1 Page - Hirose Electric

  MS-151 Datasheet HTML 1Page - Hirose Electric MS-151 Datasheet HTML 2Page - Hirose Electric MS-151 Datasheet HTML 3Page - Hirose Electric MS-151 Datasheet HTML 4Page - Hirose Electric MS-151 Datasheet HTML 5Page - Hirose Electric MS-151 Datasheet HTML 6Page - Hirose Electric MS-151 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
124
Interface RF Connector with Switch
MS-151 Series
sFeatures
1. Confirmation of complete connection
Built-in interlock feature confirms fully mated condition
with a "click" sensation.
2. Non-directional connection
The connector can be mated in any position on a 360°
axis and can rotate within the same when in use,
allowing routing of the connected cable in any direction.
3. High durability
Guaranteed 5000 insertion/removal cycles.
4. Space-saving
The external dimensions of the board-mounted
receptacle (5.0 mm high, 6.5 mm wide, 7.0 mm deep)
makes it ideal for use in small devices.
5. Ease of connection and handling
Over-molded plug, with convenient grip and built-in cable
strain relief assures reliable mating/un-mating by end user.
6. Designed for board placement with automatic
equipment
Top surface of receptacle assembly is flat, allowing
reliable hold for vacuum nozzles of automatic placement
equipment.
sApplications
GPS terminals, wireless LAN modules, notebook computers,
PDA, and other high frequency equipment.
(Page 7 lists applications and antenna circuit switching
examples.)
sOverview
Designed for end user applications requiring re-
direction of transmission from internal built-in
antenna to the external antenna. Small size,
lightweight and high reliability makes it ideal for
use in 2.4 GHz band wireless LAN applications.
MS151P-HRMJ
qSMA Conversion Adapter
For Receptacle: MS-151
MS151J-HRMJ
qSMA Conversion Adapter
For Plug: MS-151-C(LP)
MS-151
MS-151-C(LP)
Plug can be rotated after full insertion.
qReceptacle
qPlug


Similar Part No. - MS-151

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MS-151-C(LP) HIROSE-MS-151-C(LP) Datasheet
168Kb / 6P
Interface RF Connector with Switch, built-in interlock, DC to 3GHz
logo
Volgen Kaga Electronics...
MS-1512D VOLGEN-MS-1512D Datasheet
244Kb / 3P
1 WATT DC//DC CONVERTER, SIIP PACKAGE
MS-1515D VOLGEN-MS-1515D Datasheet
244Kb / 3P
1 WATT DC//DC CONVERTER, SIIP PACKAGE
logo
Hirose Electric
MS-151NB HIROSE-MS-151NB Datasheet
168Kb / 6P
Interface RF Connector with Switch, built-in interlock, DC to 3GHz
MS-151NB(01) HIROSE-MS-151NB(01) Datasheet
168Kb / 6P
Interface RF Connector with Switch, built-in interlock, DC to 3GHz
More results

Similar Description - MS-151

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4976-2K INFINEON-TLE4976-2K Datasheet
1Mb / 16P
Hall Effect Switch with Current Interface
Rev. 1.2, 2010-08-05
logo
Lucky Light Electronic
PE4245 LUCKY-LIGHT-PE4245_15 Datasheet
264Kb / 8P
RF Switch
PE4251 LUCKY-LIGHT-PE4251_15 Datasheet
225Kb / 9P
RF Switch
logo
Peregrine Semiconductor...
PE42430 PEREGRINE-PE42430_15 Datasheet
413Kb / 11P
RF Switch
logo
Infineon Technologies A...
BGS18GA14 INFINEON-BGS18GA14 Datasheet
713Kb / 13P
SP8T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-29
BGS15GA14 INFINEON-BGS15GA14 Datasheet
731Kb / 13P
SP5T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-11
logo
Hirose Electric
MS-151NB HIROSE-MS-151NB Datasheet
168Kb / 6P
Interface RF Connector with Switch, built-in interlock, DC to 3GHz
MS-147 HIROSE-MS-147_17 Datasheet
174Kb / 7P
Interface RF Connector with Switch, 3.9mm High, DC to 6GHz
logo
Infineon Technologies A...
BGS17GA14 INFINEON-BGS17GA14 Datasheet
712Kb / 13P
SP7T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-29
logo
Microchip Technology
KSZ8842-PMQL MICROCHIP-KSZ8842-PMQL Datasheet
2Mb / 126P
Two-Port Ethernet Switch with PCI Interface
02/28/20
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com