Electronic Components Datasheet Search
  English  ▼

X  

MS-151 Datasheet(PDF) 2 Page - Hirose Electric

Part # MS-151
Description  Interface RF Connector with Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MS-151 Datasheet(HTML) 2 Page - Hirose Electric

  MS-151 Datasheet HTML 1Page - Hirose Electric MS-151 Datasheet HTML 2Page - Hirose Electric MS-151 Datasheet HTML 3Page - Hirose Electric MS-151 Datasheet HTML 4Page - Hirose Electric MS-151 Datasheet HTML 5Page - Hirose Electric MS-151 Datasheet HTML 6Page - Hirose Electric MS-151 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
125
sProduct Specifications
100 mA
100 V DC
100 V AC / 1 minute
Frequency: 10 to 500 Hz, single amplitude of 0.75 mm, acceleration
of 98 m/s2 for 2 hours in each of the 3 directions
Acceleration of 490 m/s2, 11 ms duration, sine half-wave
waveform, 3 cycles in each of the 3 axis
Temperature: -55ç / +5ç to +35ç / +85ç / +5ç to +35ç
Time: 30 / 5 max. / 30 / 5 max.(Minutes)
100 cycles
96 hours at temperature of 40ç and humidity of 90%
5% salt water solution, 48 hours (at 35ç)
With corresponding connector
5000 cycles
50 m ohms max.
1000 M ohms min.
No flashover or insulation breakdown
Contact resistance: 100 m ohms max.
No corrosions
Insertion force: 1~10N
Withdrawal force: 3~15N
Contact resistance: 100 m ohms max.
1. Contact resistance
2. Insulation resistance
3. Withstanding voltage
4. Vibration
5. Shock
6. Temperature cycle
7. Humidity
7. (Steady state)
8. Salt spray
9. Insertion/Withdrawal forces
10. Durability
10. (insertion/ withdrawal)
Item
Specification
Conditions
Frequency range
Operating temperature range
Power rating
V.S.W.R.
Insertion loss
Isolation loss
DC to 3GHz
-40ç to +85ç
4W
1 DC
to 1 GHz
1 GHz to 2 GHz
2 GHz to 3 GHz
1 DC
to 1 GHz
1 GHz to 2 GHz
2 GHz to 3 GHz
1 DC
to 1 GHz
1 GHz to 2 GHz
2 GHz to 3 GHz
1.2dBmax.
1.4dBmax.
1.7dBmax.
0.2dB
max.
0.4dB
max.
0.6dB
max.
--------------
---------------
---------------
0.3dB
max.
0.5dB
max.
1.0dB
max.
20dB
min.
18dB
min.
12dB
min.
Not mated with the plug
Mated(MS-151-C-(LP))
sMaterials
Receptacle MS-151
Insulator
Polyamide (UL 94V-0)
---------------
Lock mating section
Stainless steel
Nickel plating (Termination area: tin-lead plated)
Outer conductor shell
Phosphor bronze
Nickel plating (Termination area: tin-lead plated)
Contact A
Phosphor bronze
Gold plating
Contact C
Beryllium copper
Gold plating
Part
Material
Finish
Plug MS-151-C(LP)
Cover A
PC
---------------
Cover B
PC
---------------
Ring
Stainless steel
Nickel plating
Outer conductor shell
Phosphor bronze
Nickel plating
Inner contact
Phosphor bronze
Gold plating
Insulator
Polyamide (UL 94-HB)
---------------
Ferrule
Stainless steel
---------------
Crimp metal fitting
Brass
Nickel plating
Bushing
Polyester
---------------
Part
Material
Finish
No electrical discontinuity of 10 µ s or more
Contact resistance: 100 m ohms max.
Insulation resistance: 10 M ohms min.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com