Electronic Components Datasheet Search
  English  ▼

X  

99190071000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 99190071000
Description  Tinned copper conductor, PVC insulation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99190071000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  99190071000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99190071000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more Information
please call
1-800-Belden1
Description:
Tinned copper conductor, PVC insulation. Rated 105ºC, 300V. Rated 600V peak for electronic circuits, and
internal wiring of electronic and electrical equipment.
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors AWG Stranding Conductor Material
1
20
7x28
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
Wall Thickness (mm) Min. Avg. Wall (mm)
PVC - Polyvinyl Chloride 0.394
0.381
Overall Insulation
Overall Cabling
Overall Nominal Diameter:
1.753 mm
Mechanical Characteristics (Overall)
Bulk Cable Weight:
7.441 Kg/Km
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
UL AWM Style:
UL Style 1007 (300 V 80°C), UL Style 1569 (300 V 105°C)
UL Rating:
300 V RMS, 80°C and 300 V, 105°C
CSA Rating:
300 V RMS, 90°C and 300 V, 105°C
CSA Type:
TRSR-64
EU CE Mark:
No
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
VW-1
CSA Flame Test:
FT1
Suitability
Suitability - Outdoor:
No
Plenum/Non-Plenum
Page 1 of 2
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9919 Hook-up/Lead - UL AWM Styles 1007 and 1569


Similar Part No. - 99190071000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99190 ETC2-99190 Datasheet
1,010Kb / 4P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
More results

Similar Description - 99190071000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344172 ETC2-1344172 Datasheet
96Kb / 2P
Tinned copper conductor, PVC insulation
1344194 ETC2-1344194 Datasheet
97Kb / 2P
Tinned copper conductor, PVC insulation.
1344195 ETC2-1344195 Datasheet
96Kb / 2P
Tinned copper conductor, PVC insulation
1344526 ETC2-1344526 Datasheet
97Kb / 2P
Tinned copper conductor, PVC insulation
1344843 ETC2-1344843 Datasheet
98Kb / 2P
Tinned copper conductor, PVC insulation
1345067 ETC2-1345067 Datasheet
95Kb / 2P
Tinned copper conductor, PVC insulation
1346228 ETC2-1346228 Datasheet
96Kb / 2P
Tinned copper conductor, PVC insulation
1347832 ETC2-1347832 Datasheet
96Kb / 2P
Tinned copper conductor, PVC insulation
1682737 ETC2-1682737 Datasheet
97Kb / 2P
Tinned copper conductor, PVC insulation
1682738 ETC2-1682738 Datasheet
100Kb / 2P
Tinned copper conductor, PVC insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com