Electronic Components Datasheet Search
  English  ▼

X  

99190071000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 99190071000
Description  Tinned copper conductor, PVC insulation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99190071000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  99190071000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99190071000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Sweep Test
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9919 001100
30 MT
0.272 KG
BROWN
20 STR PVC BRN
9919 0011000
305 MT
2.722 KG
BROWN
P
20 STR PVC BRN
9919 002100
30 MT
0.272 KG
RED
20 STR PVC RED
9919 0021000
305 MT
2.722 KG
RED
P
20 STR PVC RED
9919 0031000
305 MT
2.722 KG
ORANGE
P
20 STR PVC ORG
9919 004100
30 MT
0.272 KG
YELLOW
20 STR PVC YEL
9919 0041000
305 MT
2.722 KG
YELLOW
P
20 STR PVC YEL
9919 005100
30 MT
0.272 KG
GREEN, DARK
20 STR PVC DGRN
9919 0051000
305 MT
2.722 KG
GREEN, DARK
P
20 STR PVC DGRN
9919 007100
30 MT
0.272 KG
VIOLET
20 STR PVC VIO
9919 0071000
305 MT
2.722 KG
VIOLET
P
20 STR PVC VIO
9919 0081000
305 MT
2.722 KG
GRAY
P
20 STR PVC GRY
9919 009100
30 MT
0.272 KG
WHITE
20 STR PVC WHT
9919 0091000
305 MT
2.722 KG
WHITE
P
20 STR PVC WHT
9919 010100
30 MT
0.272 KG
BLACK
20 STR PVC BLK
9919 0101000
305 MT
2.722 KG
BLACK
P
20 STR PVC BLK
9919 013100
30 MT
0.272 KG
BLUE, DARK
20 STR PVC DBLU
9919 0131000
305 MT
2.722 KG
BLUE, DARK
P
20 STR PVC DBLU
Notes:
P = STRIPE COLORS ON STOCK SOLID COLORS. STRIPING ADDER OF $8.00/M' FOR1 OR 2 STRIPES. 10000' MINIMUM ORDER FOR COLOR
COMBINATION.PUT-UP WILL BE SUBJECT TO TWO PIECES (+ OR -) 10% PER SPOOL
Revision Number: 2
Revision Date: 02-24-2010
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Page 2 of 2
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9919 Hook-up/Lead - UL AWM Styles 1007 and 1569



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com