Electronic Components Datasheet Search
  English  ▼

X  

PN85501 Datasheet(PDF) 1 Page - Mallory performance club

Part # PN85501
Description  MSD Pro-Billet Chevrolet V8 Distributor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN85501 Datasheet(HTML) 1 Page - Mallory performance club

  PN85501 Datasheet HTML 1Page - Mallory performance club PN85501 Datasheet HTML 2Page - Mallory performance club PN85501 Datasheet HTML 3Page - Mallory performance club PN85501 Datasheet HTML 4Page - Mallory performance club PN85501 Datasheet HTML 5Page - Mallory performance club PN85501 Datasheet HTML 6Page - Mallory performance club PN85501 Datasheet HTML 7Page - Mallory performance club PN85501 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Important: Read these instructions before attempting the installation.
Parts Included:
1 - Pro-Billet Distributor
1 - Rotor, PN 8467
1 - Distributor Cap, PN 8433
1 - Wire Retainer
2 - 1.5" Self Tapping Screws
2 - 10-32 x 3/4" Socket Head Screws
Note: The terminals of this Distributor require spark plug style terminals. You may need to change the
terminals and boots of your wires. MSD offers two kits, PN 8849 or PN 8848 that are supplied with
nine boots and terminals.
Note: MSD Gear (PN 8531) is required for replacement due to the .500" diameter shaft.
Note: A replacement Black cap is available as PN 84333.
TIMING FUNCTIONS
Note: The PN 85501 does not have a mechanical advance.
Before continuing with the installation, here are a few definitions you should be aware of:
Initial Timing: This is the base timing (also referred to as idle timing) of the engine before the centrifugal
advance begins.
Centrifugal Advance: The centrifugal (or mechanical) advance mechanism is made up of weights,
springs, advance cams, and an advance stop bushing. The amount and rate of advance that your
distributor is capable of is determined by the centrifugal timing. If you ever wish to lock out the
centrifugal advance, refer to the centrifugal advance section.
Total Timing: This is the total of the initial timing plus the centrifugal advance added together. Example:
10° Initial + 25° centrifugal = 35° Total Timing. (When checking Total timing, disconnect the vacuum
canister and plug the vacuum source.)
Note: MSD Distributors are supplied with the heavy (slow) advance springs installed. This is to prevent
detonation in certain applications. Review the information on pages 2-4 to determine the best
advance curve for your application.
1 - Advance Kit (PN 85561, 8547 only)
1 - Gasket
1 - Tube of Gear Lubricant
2 - O-Rings
WARNING: Before installing the MSD Distributor, disconnect the battery cables. When
disconnecting the battery cables, always remove the Negative (-) cable first
and install it last.
MSD Pro-Billet Chevrolet V8 Distributor
with Slip Collar, PN 85561
Extra Tall, PN 8547
with Locked-Out Timing, PN 85501
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - PN85501

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN85501 MALLORY-PN85501 Datasheet
403Kb / 8P
MSD Pro-Billet Chevrolet V8 Distributor
More results

Similar Description - PN85501

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8356 MALLORY-PN8356 Datasheet
447Kb / 8P
MSD Pro-Billet Dual Pickup Chevrolet V8 Distributor
PN8570 MALLORY-PN8570 Datasheet
363Kb / 8P
MSD Pro-Billet Small Diameter Chevrolet V8 Distributor
PN8572 MALLORY-PN8572 Datasheet
495Kb / 8P
MSD Pro-Billet Chevrolet V8 Tach Drive Distributor
PN85551 MALLORY-PN85551 Datasheet
489Kb / 8P
MSD Pro-Billet Chevrolet V8 Distributor
PN85561 MALLORY-PN85561 Datasheet
403Kb / 8P
MSD Pro-Billet Chevrolet V8 Distributor
PN85705 MALLORY-PN85705 Datasheet
335Kb / 4P
MSD Pro-Billet Chevrolet V8 Distributor
83613 MALLORY-83613 Datasheet
494Kb / 8P
MSD Pro-Billet Chevrolet V8 Distributor
85505 MALLORY-85505 Datasheet
324Kb / 8P
MSD Pro-Billet Chevrolet V8 Distributor
85555 MALLORY-85555 Datasheet
494Kb / 8P
MSD Pro-Billet Chevrolet V8 Distributor
PN85701 MALLORY-PN85701 Datasheet
353Kb / 8P
MSD Pro-Billet Small Diameter Chevrolet V8 Distributor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com