| Electronic Components Datasheet Search |
|
PN85501 Datasheet(PDF) 3 Page - Mallory performance club |
|
|
|||||||||||||||||||||||||||||
PN85501 Datasheet(HTML) 3 Page - Mallory performance club |
|
3 / 8 page ![]() INSTALLATION INSTRUCTIONS 3 MSD • W W W. M S D PE R F OR M A NC E . C OM • ( 91 5 ) 8 57 - 5 20 0 • F AX ( 91 5 ) 8 57 - 33 4 4 CENTRIFUGAL ADVANCE CURVE SELECTING THE ADVANCE SPRINGS The rate, or how quick the advance comes in is determined by the type of springs which are installed on the distributor. The MSD distributors are equipped with two Heavy Silver springs installed. These will give you the slowest advance curve possible (Figure 2). The parts kit contains two additional sets of springs which can be used to match the advance curve to your particular application. Refer to the Spring Combination Chart (Figure 3) for combinations that can be achieved. To change the springs, remove the cap and rotor and use needlenose pliers to remove the springs. Be sure the new springs seat in the groove on the pin. Figure 4 Advance Curves. RED RED RED SILVER GREEN BLUE PURPLE BLACK SILVER GREEN BLUE PURPLE BLACK SILVER GREEN BLUE PURPLE BLACK SILVER GREEN BLUE PURPLE BLACK SILVER GREEN BLUE PURPLE BLACK SILVER GREEN BLUE PURPLE BLACK RED RED RED ADVANCED STOP BUSHING ADVANCED STOP BUSHING ADVANCED STOP BUSHING ADVANCED STOP BUSHING ADVANCED STOP BUSHING ADVANCED STOP BUSHING Figure 2 The Factory Equipped Curve. Timing Curve From Factory Figure 3 Spring Combination Chart. SPRING COMBINATION RATE OF ADVANCE FIGURE 4 2- Heavy Silver SLOWEST A 1- Heavy Silver B 1- Light Blue 1-Heavy Silver C 1-Light Silver 2- Light Blue D 1- Light Silver E 1- Light Blue 2- Light Silver FASTEST F |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |