Electronic Components Datasheet Search
  English  ▼

X  

ADC12181EVAL Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12181EVAL
Description  12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12181EVAL Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC12181EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC12181EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC12181EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC12181EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC12181EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC12181EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC12181EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC12181EVAL Datasheet HTML 9Page - National Semiconductor (TI) ADC12181EVAL Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DC and Logic Electrical Characteristics
The following specifications apply for AGND = DGND = DGND I/O = 0V, V
A =VD =VD I/O = +5V, PD = +5V, VREF = +2.0V,
f
CLK = 10 MHz, CL = 50 pF/pin. After Auto-Cal at Temperature. Boldface limits apply for TA =TMIN to TMAX; all other limits
T
A =TJ = 25˚C (Note 7) (Note 8) and (Note 9)
Symbol
Parameter
Conditions
Typical
(Note
10)
Limits
(Note
11)
Units
(Limits)
CLK, OE Digital Input Characteristics
V
IH
Logical “1” Input Voltage
V+ = 5.25V
2.0
V(min)
V
IL
Logical “0” Input Voltage
V+ = 4.75V
0.8
V(min)
I
IH
Logical “1” Input Current
V
IN = 5.0V
5
µA
I
IL
Logical “0” Input Current
V
IN =0V
−5
µA
C
IN
V
IN Input Capacitance
8
pF
D0 - D11 Digital Output Characteristics
V
OH
Logical “1” Output Voltage
I
OUT = −1mA
4
V (min)
V
OL
Logical “0” Output Voltage
I
OUT = 1.6mA
0.4
V (max)
I
OZ
TRI-STATE® Output Current
V
OUT = 3Vor5V
10
µA
V
OUT = 0V
−10
µA
+I
SC
Output Short Circuit Source
Current
VDDO= 3V, V
OUT = 0V
−14
mA(min)
−I
SC
Output Short Circuit Sink Current
VDDO= 3V, V
OUT =VO
16
mA(min)
Power Supply Characteristics
I
A
Analog Supply Current
PD = VDDO
PD = DGND
2.5
45
4
55
mA(max)
mA(max)
I
D
Digital Supply Current
PD = VDDO
PD = DGND
0.5
2
2
3
mA(max)
mA(max)
Total Power Consumption
PD = VDDO
PD = DGND
15
235
30
290
mW(max)
mW(max)
AC Electrical Characteristics
The following specifications apply for AGND = DGND = DGND I/O = 0V, V
A =VD =VD I/O = +5V, PD = +5V, VREF = +2.0V,
f
CLK = 10 MHz, CL = 50 pF/pin. After Auto-Cal at Temperature. Boldface limits apply for TA =TMIN to TMAX; all other limits
T
A =TJ = 25˚C (Note 7) (Note 8) and (Note 10)
Symbol
Parameter
Conditions
Typical
(Note
10)
Limits
(Note
11)
Units
(Limits)
f
CLK
Clock Frequency
1
MHz(min)
10
MHz(max)
Clock Duty Cycle
50
%
t
CONV
Conversion Latency
10
Clock
Cycles
t
OD
Data output delay after rising clk
edge
40
ns
t
DIS
Data outputs into Tristate mode
21
nA (max)
t
EN
Data outputs active after Tristate
21
ns (max)
t
WCAL
Calibration request pulse width
3
Tclk(min)
t
RDYC
Ready Low after CAL request
3
Tclk
t
CAL
Calibration cycle
4000
Tclk
t
WPD
Power-down pulse width
3
Tclk(min)
t
RDYPD
Ready Low after PD request
3
Tclk
t
PD
Power down mode exit cycle
4000
Tclk
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed speci-
fications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions.
Note 2: All voltages are measured with respect to GND = AGND = DGND = 0V, unless otherwise specified.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com