Electronic Components Datasheet Search
  English  ▼

X  

ADC1241 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1241
Description  Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1241 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC1241 Datasheet HTML 1Page - National Semiconductor (TI) ADC1241 Datasheet HTML 2Page - National Semiconductor (TI) ADC1241 Datasheet HTML 3Page - National Semiconductor (TI) ADC1241 Datasheet HTML 4Page - National Semiconductor (TI) ADC1241 Datasheet HTML 5Page - National Semiconductor (TI) ADC1241 Datasheet HTML 6Page - National Semiconductor (TI) ADC1241 Datasheet HTML 7Page - National Semiconductor (TI) ADC1241 Datasheet HTML 8Page - National Semiconductor (TI) ADC1241 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AC Electrical Characteristics (Continued)
Note 7
A diode exists between AVCC and DVCC as shown below
TLH10554 – 4
To guarantee accuracy it is required that the AVCC and DVCC be connected together to a power supply with separate bypass filters at each VCC pin
Note 8
Accuracy is guaranteed at fCLK e 20 MHz At higher and lower clock frequencies accuracy may degrade See curves in the Typical Performance
Characteristics Section
Note 9
Typicals are at TJ e 25 C and represent most likely parametric norm
Note 10
Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level)
Note 11
Positive linearity error is defined as the deviation of the analog value expressed in LSBs from the straight line that passes through positive full scale and
zero For negative linearity error the straight line passes through negative full scale and zero (See
Figures 1b and 1c )
Note 12
The ADC1241’s self-calibration technique ensures linearity full scale and offset errors as specified but noise inherent in the self-calibration process will
result in a repeatability uncertainty of g020 LSB
Note 13
If TA changes then an Auto-Zero or Auto-Cal cycle will have to be re-started see the typical performance characteristic curves
Note 14
After an Auto-Zero or Auto-Cal cycle at the specified power supply extremes
Note 15
If the clock is asynchronous to the falling edge of WR an uncertainty of one clock period will exist in the interval of tA therefore making the minimum tA e
6 clock periods and the maximum tA e 7 clock periods If the falling edge of the clock is synchronous to the rising edge of WR then tA will be exactly 65 clock
periods
Note 16
The CAL line must be high before any other conversion is started
Note 17
The specifications for these parameters are valid after an Auto-Cal cycle has been completed
Note 18
A military RETS electrical test specification is available on request At time of printing the ADC1241CMJ883 RETS specification complies fully with the
boldface limits in this column
TLH10554 – 5
FIGURE 1a Transfer Characteristic
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com