Electronic Components Datasheet Search
  English  ▼

X  

ADC1241 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1241
Description  Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1241 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC1241 Datasheet HTML 1Page - National Semiconductor (TI) ADC1241 Datasheet HTML 2Page - National Semiconductor (TI) ADC1241 Datasheet HTML 3Page - National Semiconductor (TI) ADC1241 Datasheet HTML 4Page - National Semiconductor (TI) ADC1241 Datasheet HTML 5Page - National Semiconductor (TI) ADC1241 Datasheet HTML 6Page - National Semiconductor (TI) ADC1241 Datasheet HTML 7Page - National Semiconductor (TI) ADC1241 Datasheet HTML 8Page - National Semiconductor (TI) ADC1241 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLH10554
November 1994
ADC1241 Self-Calibrating 12-Bit Plus
Sign mP-Compatible AD Converter
with Sample-and-Hold
General Description
The ADC1241 is a CMOS 12-bit plus sign successive ap-
proximation analog-to-digital converter
On request
the
ADC1241 goes through a self-calibration cycle that adjusts
positive linearity and full-scale errors to less than g
LSB
each and zero error to less than g1 LSB The ADC1241
also has the ability to go through an Auto-Zero cycle that
corrects the zero error during every conversion
The analog input to the ADC1241 is tracked and held by the
internal circuitry and therefore does not require an external
sample-and-hold A unipolar analog input voltage range (0V
to a5V) or a bipolar range (b5V to a5V) can be accom-
modated with g5V supplies
The 13-bit word on the outputs of the ADC1241 gives a 2’s
complement representation of negative numbers The digi-
tal inputs and outputs are compatible with TTL or CMOS
logic levels
Applications
Y
Digital Signal Processing
Y
High Resolution Process Control
Y
Instrumentation
Key Specifications
Y
Resolution
12 Bits plus Sign
Y
Conversion Time
138ms (max)
Y
Linearity Error
g
LSB (g00122%) (max)
Y
Zero Error
g
1LSB (max)
Y
Positive Full Scale Error
g
1LSB (max)
Y
Power Consumption
70mW (max)
Features
Y
Self-calibrating
Y
Internal sample-and-hold
Y
Bipolar input range with g5V supplies and single
a
5V reference
Y
No missing codes over temperature
Y
TTLMOS inputoutput compatible
Y
Standard 28-pin DIP
TRI-STATE
is a registered trademark of National Semiconductor Corporation
Simplified Schematic
TLH10554 – 1
Connection Diagram
Dual-In-Line Package
TLH10554 – 2
Top View
Order Number ADC1241CMJ
ADC1241CMJ883 ADC1241BIJ or
ADC1241CIJ
See NS Package Number J28A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - ADC1241

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC124 MPSIND-ADC124 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
12-Bit Plus Sign Sampling A/D Converter
ADC1242CIJ NSC-ADC1242CIJ Datasheet
254Kb / 14P
12-Bit Plus Sign Sampling A/D Converter
ADC12441 NSC-ADC12441 Datasheet
274Kb / 14P
Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC12441883 NSC-ADC12441883 Datasheet
274Kb / 14P
Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
More results

Similar Description - ADC1241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12441 NSC-ADC12441 Datasheet
274Kb / 14P
Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC12451 NSC-ADC12451 Datasheet
311Kb / 18P
Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com