Electronic Components Datasheet Search
  English  ▼

X  

XC6804 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6804
Description  200mA ~ 800mA Can be set by external resistance
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6804 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6804 Datasheet HTML 9Page - Torex Semiconductor XC6804 Datasheet HTML 10Page - Torex Semiconductor XC6804 Datasheet HTML 11Page - Torex Semiconductor XC6804 Datasheet HTML 12Page - Torex Semiconductor XC6804 Datasheet HTML 13Page - Torex Semiconductor XC6804 Datasheet HTML 14Page - Torex Semiconductor XC6804 Datasheet HTML 15Page - Torex Semiconductor XC6804 Datasheet HTML 16Page - Torex Semiconductor XC6804 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13/27
XC6804
Series
■
NOTES ON USE
1.
For temporary, transitional voltage drop or voltage rising phenomenon, the IC is liable to malfunction should the ratings be exceeded.
2.
Where wiring impedance is high, operations may become unstable. Please strengthen VIN and BAT wiring in particular.
3.
Please wire the CIN, CL and charge current setting resistor to the IC as close as possible.
4.
Do not connect anything other than a resistance for setting the charge current to the ISET pin.
5.
Torex places an importance on improving our products and their reliability. We request that users incorporate fail-safe designs and
post-aging protection treatment when using Torex products in their systems.
6.
This IC uses an external thermistor to detect and control temperature with high accuracy. Please sufficiently test the position of the
external thermistor to ensure that it enables accurate temperature detection.
7.
Reversing the polarity of the battery may cause destruction and is extremely dangerous. Never reverse the polarity of the battery.
8.
Short-circuiting to neighboring pins may cause malfunctioning and destruction. Exercise sufficient caution when mounting and using
the IC.
9.
If a large ripple voltage occurs at the VIN pin, the IC may malfunction. Please test thoroughly.
10. Taking the temperature characteristics and the dispersion into consideration, please set the charge current not to exceed the range of
200mA to 800mA.
11. If the ISET pin is shorted to the GND, there is a possibility that the IC is destroyed before the over-current monitor function is activated.
12. When VBAT is 1V or less, the error range of the trickle charge current becomes big. When VIN – VBAT voltage is high in particular, please
pay attention when using as there are possibilities that a large trickle current flows.
13. In case that the impedance between BAT pin and Li-ion battery is high at the CV charging under the low temperature, there are
possibilities that VBAT oscillates and charge error takes place, so please place the Li-ion battery as close to the IC as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com