Electronic Components Datasheet Search
  English  ▼

X  

XC6804 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6804
Description  200mA ~ 800mA Can be set by external resistance
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6804 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6804 Datasheet HTML 1Page - Torex Semiconductor XC6804 Datasheet HTML 2Page - Torex Semiconductor XC6804 Datasheet HTML 3Page - Torex Semiconductor XC6804 Datasheet HTML 4Page - Torex Semiconductor XC6804 Datasheet HTML 5Page - Torex Semiconductor XC6804 Datasheet HTML 6Page - Torex Semiconductor XC6804 Datasheet HTML 7Page - Torex Semiconductor XC6804 Datasheet HTML 8Page - Torex Semiconductor XC6804 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2/27
XC6804 Series
■
BLOCK DIAGRAM
THIN
CC
+
-
CV
+
-
+
-
Standby
VIN
VSS
BAT
Thermal
Shutdown
CSO
Control &
Delay
Oscillator
VIN-BAT
disconnect
controller
VREF
Voltage
Reference
Timer
+
-
+
-
+
-
+
-
Detect Temperature at 0℃.
Detect Temperature at 45℃.
Battery Detect
+
-
Detect Temperature at 60℃.
Detect Temperature at 10℃.
Detect IFIN
Detect VTRK
+
-
+
-
+
-
Detect VCOV
ISET
+
-
Detect VRCH
RTHIN
VREF
VREF
VREF
VREF
VREF
VREF
VREF
VREF
UVLO
■
PRODUCT CLASSIFICATION
XC6804①②③④⑤⑥-⑦ (*1)
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
①
Charge Status Output on Abnormal Mode
A
1 kHz ON-OFF
B
OFF
②
Battery Temperature Monitor Function
2
2 Temperature Monitor
3
3 Temperature Monitor
4
4 Temperature Monitor
③
Recharge Function
E
Enable
D
Disable
④
CV Charge Voltage
1
4.2 V (Fixed)
⑤⑥
-⑦
Packages (Order Unit)
QR-G
SOP-8FD (1,000pcs/Reel)
4R-G
USP-6EL(Under Development)
(3,000pcs/Reel)
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com