Electronic Components Datasheet Search
  English  ▼

X  

RUC Datasheet(PDF) 5 Page - ZETTLER Electronics

Part # RUC
Description  Power relays of general application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

RUC Datasheet(HTML) 5 Page - ZETTLER Electronics

  RUC Datasheet HTML 1Page - ZETTLER Electronics RUC Datasheet HTML 2Page - ZETTLER Electronics RUC Datasheet HTML 3Page - ZETTLER Electronics RUC Datasheet HTML 4Page - ZETTLER Electronics RUC Datasheet HTML 5Page - ZETTLER Electronics RUC Datasheet HTML 6Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
5
RUC
industrial relays of small dimensions
Ordering codes
Type
Contact
material
Number and type
of contacts
Cover protection
category
Connection
mode
Coil code
Examples of ordering codes:
RUC-2053-26-W024
relay
RUC, faston 187 (4,8 x 0,5 mm), with contact gap  3 mm, for plug-in sockets
GUC11, three normally open contacts, contact material AgNi, reinforced coil voltage
24 V DC, in cover IP 00
RUC-2013-V6-3400-KL
relay
RUC, faston 187 (4,8 x 0,5 mm), for flat insert connectors, with vertical adaptor
(V), three changeover contacts, contact material AgNi, coil voltage 400 V AC 50 Hz,
with test button without block function and light indicator (LED diode), in cover IP 00
RUC-2052-HA-W220-L
relay
RUC, faston 250 (6,3 x 0,8 mm), for flat insert connectors, with contact gap
3 mm, with horizontal adaptor (H), two normally open contacts, contact material
AgNi, reinforced coil voltage 220 V DC, with light indicator (LED diode), in cover IP 00
RUC-1022-25-5024
relay
RUC, for PCB, two normally open contacts, contact material AgCdO, coil voltage
24 V AC 50/60 Hz, in cover IP 00
Contact material
10 - AgCdO
20 - AgNi
❽
For versions with reinforced DC coils: W012, W024, W048, W110, W220 and with AC coils.
❾
For relays RUC: for plug-in sockets; for PCB.
❿
Additional features is not available in versions of relays with contact gap  3 mm.
Cover protection category
2 - in cover, IP 00 version ❾
4 - in cover with mounting flange, IP 00 version
V - in cover with vertical adaptor, IP 00 version
H - in cover with horizontal adaptor, IP 00 version
Number and type of contacts
12 - 2 CO
13 - 3 CO
22 - 2 NO
23 - 3 NO
52 - 2 NO, contact gap  3 mm ❽
53 - 3 NO, contact gap  3 mm ❽
Additional
features
Additional features
without marks - without additional features
K
- test button without block function ❿
L
- light indicator (LED diode)
KL
- test button without block function + light indicator (LED diode) ❿
Connection mode
5 - for PCB
6 - for flat insert connectors - faston 187 (4,8 x 0,5 mm)
and for plug-in sockets
A - for flat insert connectors - faston 250 (6,3 x 0,8 mm)
see Tables 1, 2, 3, 4 page 2
R U C —
—
—
—



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com