Electronic Components Datasheet Search
  English  ▼

X  

RUC Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # RUC
Description  Power relays of general application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

RUC Datasheet(HTML) 1 Page - ZETTLER Electronics

  RUC Datasheet HTML 1Page - ZETTLER Electronics RUC Datasheet HTML 2Page - ZETTLER Electronics RUC Datasheet HTML 3Page - ZETTLER Electronics RUC Datasheet HTML 4Page - ZETTLER Electronics RUC Datasheet HTML 5Page - ZETTLER Electronics RUC Datasheet HTML 6Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
1
RUC
industrial relays of small dimensions
2 CO, 3 CO, 2 NO, 3 NO
2 NO, 3 NO with contact gap  3 mm
AgCdO, AgNi
400 V / 440 V
230 V / 250 V ❶
5 V AgNi, 10 V AgCdO
16 A / 250 V AC or 10 A / 400 V AC 16 A / 250 V AC ❶
16 A / 24 V DC (see Fig. 3)
5 mA AgNi, 10 mA AgCdO
40 A
16 A
4 000 VA
0,3 W AgNi, 1 W AgCdO
100 m
1 200 cykli/h
12 000 cykli/h
6 ... 240 V 50/60 Hz
6 ... 400 V 50 Hz ❶
6 ... 220 V
AC:
0,15 Un
DC:
0,1 Un
see Tables 1, 2, 3, 4
2,8 VA 50 Hz
2,5 VA 60 Hz
1,5 W
1,7 W with contact gap  3 mm
400 V AC
4 000 V 1,2 / 50 µs
III
2
2 500 V AC
type of insulation: basic
1 500 V AC
type of clearance: micro-disconnection
2 500 V AC
with contact gap  3 mm, type of clearance: full-disconnection
2 500 V AC
type of insulation: basic
5 mm 2 CO, 2 NO
4 mm 3 CO, 3 NO
8 mm 2 CO, 2 NO
5 mm 3 CO, 3 NO
20 ms / 15 ms
> 105 16 A, 250 V AC
> 105 10 A, 400 V AC
see Fig. 2
> 107
2 CO:
0,33 HP 120 V AC, single-phase motor 0,5 HP 240 V AC, single-phase motor
3 CO:
0,33 HP 120 V AC, single-phase motor 0,5 HP 240 V AC, single-phase motor
3 CO:
0,5 HP 240 V AC, three-phase motor
RUC faston 4,8 x 0,5 ❷
RUC faston 6,3 x 0,8 ❸
80 g ❹
85 g ❺
-40...+85 oC
AC:
-40...+55 oC 3 CO, 3 NO / 16 A
(+70 oC 2 CO, 2 NO / 16 A)
DC:
-40...+55 oC 3 CO, 3 NO / 16 A
(+70oC3CO,3NO/10A;2CO,2NO/16A)
IP 00
PN-EN 60529
10 g / 5 g
10...150 Hz
max. 270 oC
max. 5 s
Contact data
Number and type of contacts
Contact material
Rated / max. switching voltage
AC
Min. switching voltage
Rated load
AC1
DC1
Min. switching current
Max. inrush current
Rated current
Max. breaking capacity
AC1
Min. breaking capacity
Contact resistance
Max. operating frequency
• at rated load
AC1
• no load
Coil data
Rated voltage
AC
DC
Must release voltage
Operating range of supply voltage
Rated power consumption
AC
DC
Insulation according to PN-EN 60664-1
Insulation rated voltage
Rated surge voltage
Overvoltage category
Insulation pollution degree
Dielectric strength
• between coil and
contacts
• contact clearance
• pole - pole
Contact - coil distance
• clearance
• creepage
General data
Operating / release time (typical values)
Electrical life
• resistive AC1
• cos
Mechanical life (cycles)
Motor load according to UL 508
Dimensions (L x W x H)
Weight
Ambient temperature
• storage
• operating
Cover protection category
Shock / vibration resistance
Solder bath temperature
Soldering time
The data in bold type pertain to the standard versions of the relays.
❶
For RUC faston 4,8 x 0,5 with GUC11 socket, max. switching voltages
and coil voltages of relays are limited to 250 V AC / DC.
❷
For plug-in sockets version: 36,1 x 38,6 x 45,5 mm. For version: with (V) adaptor:
58,75 x 38,6 x 45,9 mm; with (H) adaptor: 46,8 x 38,6 x 62,45 mm. For version with mounting flange: 66,3 x 38,6 x 36,1 mm. For PCB version:
36,1 x 38,6 x 52,5 mm.
❸
For version: with (V) adaptor: 62,4 x 38,6 x 45,9 mm; with (H) adaptor: 46,8 x 38,6 x 66,1 mm. For version with mounting
flange: 66,3 x 38,6 x 36,1 mm.❹ Weight of plug-in sockets version and PCB version (RUC faston 4,8 x 0,5).
❺
Weight of version with (V) or (H)
adaptor, and version with mounting flange.
• Power relays of general application • AC and DC coils • Mounting:
in sockets; 35 mm rail mount acc. to PN-EN 60715; on panel; PCB
• Versions: faston 187 (4,8 x 0,5 mm); faston 250 (6,3 x 0,8 mm) • 3 mm con-
tact gap (option - only in versions with normally open contacts) • Additional
features: K - test button; L - light indicator (LED) • Applications: control
of electromagnets; systems of heating, cooling, ventillation, air conditioning;
control with single-phase and three-phase motors; catering industry machines
and equipment; automation systems; photoelectric systems; etc.
• Recognitions, certifications, directives: RoHS,
with adaptor (V)
with adaptor (H)


Similar Part No. - RUC

ManufacturerPart #DatasheetDescription
logo
Relpol S.A.
RUC-1012-25-1006-K RELPOL-RUC-1012-25-1006-K Datasheet
749Kb / 6P
industrial relays of small dimensions
RUC-1012-25-1012-K RELPOL-RUC-1012-25-1012-K Datasheet
749Kb / 6P
industrial relays of small dimensions
RUC-1012-25-1024-K RELPOL-RUC-1012-25-1024-K Datasheet
749Kb / 6P
industrial relays of small dimensions
RUC-1012-25-1042-K RELPOL-RUC-1012-25-1042-K Datasheet
749Kb / 6P
industrial relays of small dimensions
RUC-1012-25-1048-K RELPOL-RUC-1012-25-1048-K Datasheet
749Kb / 6P
industrial relays of small dimensions
More results

Similar Description - RUC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
Omron Electronics LLC
MKS-X OMRON-MKS-X Datasheet
2Mb / 12P
General Purpose Power Relays
logo
Tyco Electronics
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
General Purpose Relays Industrial Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
General Purpose Relays PCB Relays
logo
Omron Electronics LLC
P2CF-08 OMRON-P2CF-08 Datasheet
685Kb / 28P
General-purpose Relays and Power Relays Sockets
logo
ZETTLER Electronics
R2N ZETTLER-R2N Datasheet
4Mb / 12P
Relays of general application
R3N ZETTLER-R3N Datasheet
3Mb / 10P
Relays of general application
R4N ZETTLER-R4N Datasheet
5Mb / 12P
Relays of general application
RY2 ZETTLER-RY2 Datasheet
501Kb / 5P
Relays of general application
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
General Purpose Relays Power Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com