Electronic Components Datasheet Search
  English  ▼

X  

RY2 Datasheet(PDF) 4 Page - ZETTLER Electronics

Part # RY2
Description  Relays of general application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

RY2 Datasheet(HTML) 4 Page - ZETTLER Electronics

  RY2 Datasheet HTML 1Page - ZETTLER Electronics RY2 Datasheet HTML 2Page - ZETTLER Electronics RY2 Datasheet HTML 3Page - ZETTLER Electronics RY2 Datasheet HTML 4Page - ZETTLER Electronics RY2 Datasheet HTML 5Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
4
RY2
miniature industrial relays
—
—
—
Y 2
—
R
Relays RY2 are offered in versions: • standard, for plug-in sockets •withmountingflangeintheupperwallofthecover.
Relays
RY2 are designed for: • screw terminals plug-in sockets GZY2G with clips GZY2G-0041 ❶, 35 mm rail mount
acc.toPN-EN60715oronpanelmountingwithtwoM3screws•flatinsertconnectors-faston187(4,8x0,5mm),
relaysaredirectonpanelmountingwithtwoM3screws-coverwithmountingflange.
❶
For each GZY2G socket a set of two GZY2G-0041 clips shall be ordered.
Mounting
Ordering codes
Type
Contact
material
Number and type
of contacts
Cover protection
category
Connection
mode
Coil code
Number and type of contacts
12 - 2 CO
Note:
For relays with additional features
D-surgesuppressionelement(diode)(versionsDandLD)-fixedsupplypolarity
compulsory for the DC load of coils: +A1(7) / -A2(8). The polarity is indicated on the relay cover. For other versions
of the relays with DC coils any polarity is possible.
Examples of ordering codes:
RY2-2012-26-1024
relay
RY2, for plug-in sockets, two changeover contacts, contact material AgNi, coil voltage
24 V DC, in cover IP 40
RY2-2012-26-5230-L
relay
RY2, for plug-in sockets, two changeover contacts, contact material AgNi, coil voltage
230 V AC 50/60 Hz, with light indicator (LED diode), in cover IP 40
RY2-1012-46-3230
relay
RY2,forflatinsertconnectors-faston187(4,8x0,5mm),twochangeovercontacts,
contactmaterialAgCdO,coilvoltage230/240VAC50Hz,incoverwithmountingflange,
IP 40 version
Contact material
10 - AgCdO
20 - AgNi
Cover protection category
2 - in cover, IP 40 version
4-incoverwithmountingflange,IP40version
Additional
features
Additional features ❷
without marks - without additional features
L
- light indicator (LED diode)
D
- surge suppression element (diode)
LD
- light indicator (LED diode) + surge suppression element (diode)
❷
D, LD - only for DC coils
Connection mode
6-forflatinsertconnectors-faston187(4,8x0,5mm)
and for plug-in sockets
see Tables 1, 2, 3 page 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com