Electronic Components Datasheet Search
  English  ▼

X  

RY2 Datasheet(PDF) 5 Page - ZETTLER Electronics

Part # RY2
Description  Relays of general application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

RY2 Datasheet(HTML) 5 Page - ZETTLER Electronics

  RY2 Datasheet HTML 1Page - ZETTLER Electronics RY2 Datasheet HTML 2Page - ZETTLER Electronics RY2 Datasheet HTML 3Page - ZETTLER Electronics RY2 Datasheet HTML 4Page - ZETTLER Electronics RY2 Datasheet HTML 5Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
5
PRECAUTIONS:
1. Ensurethattheparametersoftheproductdescribedinitsspecificationprovideasafetymarginfortheappropriateoperationofthedeviceorsystemandneveruse
the product in circumstances which exceed the parameters of the product.
2. Never touch any live parts of the device. 3. Ensure that the product has been connected
correctly.Anincorrectconnectionmaycausemalfunction,excessiveheatingorriskoffire.
4. In case of any risk of any serious material loss or death or injuries
of humans or animals, the devices or systems shall be designed so to equip them with double safety system to guarantee their reliable operation.
Plug-in sockets and accessories
GZY2G
Screw terminals
plug-in sockets
for RY2
GZY2G
For RY2
Screw terminals
Max. tightening moment
for the terminal: 0,7 Nm
35 mm rail mount
acc. to PN-EN 60715
or on panel mounting
78,7 x 28 x 32,4 mm
Two poles
12 A, 250 V AC
Dimensions
Connection diagram
Accessories
COM
NC
NO
COIL
GZY2G-0041



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com