Electronic Components Datasheet Search
  English  ▼

X  

AS1346-49 Datasheet(PDF) 7 Page - ams AG

Part # AS1346-49
Description  Low Battery Detection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1346-49 Datasheet(HTML) 7 Page - ams AG

Back Button AS1346-49 Datasheet HTML 3Page - ams AG AS1346-49 Datasheet HTML 4Page - ams AG AS1346-49 Datasheet HTML 5Page - ams AG AS1346-49 Datasheet HTML 6Page - ams AG AS1346-49 Datasheet HTML 7Page - ams AG AS1346-49 Datasheet HTML 8Page - ams AG AS1346-49 Datasheet HTML 9Page - ams AG AS1346-49 Datasheet HTML 10Page - ams AG AS1346-49 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ams.com/DC-DC_Step-Down
Revision 1.10
7 - 16
AS1346-49
Datasheet - Typical Operating Characteristics
Figure 9. AS1346 Load Regulation; VIN = 4.0V,
VOUT1 = 3.3V
Figure 10. AS1346 Load Regulation; VIN = 4.0V,
VOUT2 =1.8V
Figure 11. AS1346 Line Regulation, VOUT1 = 3.3V
Figure 12. AS1346 Line Regulation, VOUT2 = 1.8V
LDO mode
Figure 13. AS1346 VOUT vs. Temp.; VIN = 5.5V, IOUT = 1A
Figure 14. AS1346 VOUT vs. Temp.; VIN = 5.5V, IOUT = 500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com